Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0840 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0840
Description  LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0840 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0840 Datasheet HTML 1Page - Abracon Corporation ASPI-0840 Datasheet HTML 2Page - Abracon Corporation ASPI-0840 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0840
ELECTRICAL SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 10.04.13
Visit www.abracon.com for Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
8.0 x 8.0 x 4.0mm
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
Abracon P/N:
ASPI-0840 Series
Operating Temperature
Storage Temperature & Humidity:
• Small size and low profile: 4.0mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
Test Conditions
.
-40˚C to +85˚C
-10˚C to +40˚C, 30% to 70% RH
Part Number
ASPI-0840-
Inductance Code
Inductance
Inductance
Tolerance
DCR
DCR
Tolerance
Saturation
Current
Temperature
Rise Current
Units
μH
%
%
A
A
Symbol
L
M, N
DCR
Isat
Irms
ASPI-0840-R50
0.5
N
6
±30%
11.00
8.00
ASPI-0840-R90
0.9
N
7
10.00
7.90
ASPI-0840-1R4
1.4
N
9
8.60
7.50
ASPI-0840-2R0
2.0
N
12
7.00
6.80
ASPI-0840-2R2
2.2
N
12
6.80
6.40
ASPI-0840-3R3
3.3
N
15
6.40
5.80
ASPI-0840-3R6
3.6
N
15
6.00
5.40
ASPI-0840-3R9
3.9
N
15
5.60
5.00
ASPI-0840-4R7
4.7
N
20
5.40
4.50
ASPI-0840-6R8
6.8
N
25
4.40
4.00
ASPI-0840-8R6
8.6
N
30
4.20
3.50
ASPI-0840-100
10
M
31
3.80
3.30
ASPI-0840-150
15
M
50
3.00
2.70
ASPI-0840-220
22
M
66
2.40
2.20
ASPI-0840-330
33
M
110
2.00
2.00
ASPI-0840-470
47
M
150
1.60
1.60
ASPI-0840-680
68
M
200
1.30
1.30
ASPI-0840-101
100
M
310
1.00
1.00
ASPI-0840-121
120
M
350
0.95
0.90
ASPI-0840-221
220
M
630
0.75
0.75
1. Isat : Based on inductance change (△L/Lo : ≤ -30%)
2. Irms : Based on temperature rise (△T : 40oC TYP. )
3. Test Freq: 100KHz, 1Vrms
ASPI-0840-
-
*N for L = 0.5 ~ 8.6µH
*M for L = 10 ~ 220µH
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T: Tape and Reel (1kpcs / reel)
Tolerance
N: ±30%*
M: ±20%*
Pb RoHS/RoHS II Compliant


Similar Part No. - ASPI-0840

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0802T ABRACON-ASPI-0802T Datasheet
842Kb / 2P
SURFACE-MOUNT POWER INDUCTORS
07.01.09
ASPI-0804T ABRACON-ASPI-0804T Datasheet
842Kb / 2P
SURFACE-MOUNT POWER INDUCTORS
07.01.09
ASPI-0804T-100 ABRACON-ASPI-0804T-100 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
ASPI-0804T-100M ABRACON-ASPI-0804T-100M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
ASPI-0804T-101 ABRACON-ASPI-0804T-101 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
More results

Similar Description - ASPI-0840

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0312FS ABRACON-ASPI-0312FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
11.22.11
ASPI-0410FS ABRACON-ASPI-0410FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
09.23.13
ASPI-0418FS ABRACON-ASPI-0418FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.28.12-C
ASPI-0425 ABRACON-ASPI-0425 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
12.20.11
ASPI-0615FS ABRACON-ASPI-0615FS Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
02.04.13
ASPI-0628 ABRACON-ASPI-0628 Datasheet
1Mb / 3P
LOW PROFILE SHIELDED SMD CHIP POWER INDUCTOR
03.16.12
ASPI-2410 ABRACON-ASPI-2410 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
10.20.11
ASPI-2510 ABRACON-ASPI-2510 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
09.06.11
ASPI-2515 ABRACON-ASPI-2515 Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.31.13
ASPI-5040S ABRACON-ASPI-5040S Datasheet
1Mb / 3P
Low Profile Shielded SMD Chip Power Inductor
01.24.12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com