Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1730 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1730
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730 Datasheet(HTML) 13 Page - Texas Instruments

Back Button PCM1730 Datasheet HTML 9Page - Texas Instruments PCM1730 Datasheet HTML 10Page - Texas Instruments PCM1730 Datasheet HTML 11Page - Texas Instruments PCM1730 Datasheet HTML 12Page - Texas Instruments PCM1730 Datasheet HTML 13Page - Texas Instruments PCM1730 Datasheet HTML 14Page - Texas Instruments PCM1730 Datasheet HTML 15Page - Texas Instruments PCM1730 Datasheet HTML 16Page - Texas Instruments PCM1730 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
13
www.ti.com
analog outputs
24
23
22
21
20
19
18
17
16
15
+
PCM1730E
VCC2
IOUTR+
VCC1
VCOM3
IREF
VCOM2
IOUTR–
MUTE
AGND1
VCOM1
R11
–
+
28
27
26
25
VCC3
AGND2
IOUTL–
IOUTL+
C13
+
–
R12
C14
R13
R14
C15
+
–
+
R16
R17
R15
C17
VOUT
L-Channel
R1
16 k
Ω
10
µF
R21
–
+
C23
+
–
R22
C24
R23
R24
C25
–
+
R26
R27
R25
C27
VOUT
R-Channel
+
C16
R18
C26
R28
5 V
10
µF
0.1
µF
10
µF
+
10
µF
C11
C12
C21
C22
NOTE: Example R/C values for fC 45 kHz
R11–R18, R21–R28: 620 Ω, C11, C12, C21, C22: not populated, C13, C14, C23, C24: 5600 pF, C15, C25: 8200 pF, C16, C17, C26,
C27: 1800 pF
Figure 7. Typical Application for Analog Output Stage
analog output level and I/V converter
The signal level of DAC current output pins (IOUTL+, IOUTL–, IOUTR+, IOUTR–) is ±2.48 mAp-p at 0 dB (full scale).
The voltage output of the I/V converter is given by following equation:
VOUT = ±2.48 mAp–p × Rf
Here, Rf is the feedback resistor in the I/V conversion circuit, R11, R12, R21, R22 on typical application circuit.
The common level of the I/V conversion circuit must be same as common level of DAC IOUT which is given by
VCOM2 reference voltage, which is 2.48 V dc typically. The noninverting inputs of the op amps shown in the I/V
circuits are connected to VCOM2 to provide the common bias voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com