Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP3235 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP3235
Description  High Current Synchronous Buck Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3235 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP3235 Datasheet HTML 8Page - ON Semiconductor NCP3235 Datasheet HTML 9Page - ON Semiconductor NCP3235 Datasheet HTML 10Page - ON Semiconductor NCP3235 Datasheet HTML 11Page - ON Semiconductor NCP3235 Datasheet HTML 12Page - ON Semiconductor NCP3235 Datasheet HTML 13Page - ON Semiconductor NCP3235 Datasheet HTML 14Page - ON Semiconductor NCP3235 Datasheet HTML 15Page - ON Semiconductor NCP3235 Datasheet HTML 16Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
NCP3235
www.onsemi.com
13
Programmable Soft−Start
An external capacitor connected from the SS pin to
ground sets up the soft start period, which can limit the
start−up inrush current. The soft start period can be
programmed based on the Equation 1.
t
SS +
C
SS @ Vref
I
SS
(eq. 1)
OCP and TSD (thermal shutdown) are the only
protections that are active during a soft−start.
Adaptive Non−Overlap Gate Driver
In a synchronous buck converter, a certain dead time is
required between the low side drive signal and high side
drive signal to avoid shoot through. During the dead time,
the body diode of the low side FET freewheels the current.
The body diode has much higher voltage drop than that of
the MOSFET, which reduces the efficiency significantly.
The longer the body diode conducts, the lower the
efficiency. NCP3235 implements adaptive dead time
control to minimize the dead time, as well as preventing
shoot through.
Precision Enable (EN)
The ENABLE block allows the output to be toggled on
and off and is a precision analog input.
When the EN voltage exceeds V_EN, the controller will
initiate the soft−start sequence as long as the input voltage
and sub−regulated voltage have exceeded their UVLO
thresholds. V_EN_hyst helps to reject noise and allow the
pin to be resistively coupled to the input voltage or
sequenced with other rails.
If the EN voltage is held below typically 0.8 V, the
NCP3235 enters a deep disable state where the internal bias
circuitry is off. As the voltage at EN continues to rise, the
Enable comparator and reference are active and provide a
more accurate EN threshold. The drivers are held off until
the rising voltage at EN crosses V_EN. An internal 2
mA
pullup automatically enables the device when the EN pin is
left floating.
EN
VDD
2uA
1.2 V
Enable
Logic
INPUT SUPPLY / VCC
Figure 28. Enable Functional Block Diagram
Pre−bias Startup
In some applications the controller will be required to start
switching when it’s output capacitors are charged anywhere
from slightly above 0 V to just below the regulation voltage.
This situation occurs for a number of reasons: the
converter’s output capacitors may have residual charge on
them or the converter’s output may be held up by a low
current standby power supply. NCP3235 supports pre−bias
start up by holding off switching until the feedback voltage
rises above the set regulated voltage. If the pre−bias voltage
is higher than the set regulated voltage, switching does not
occur until the output voltage drops back to the regulation
point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com