Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0703-151 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0703-151
Description  SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0703-151 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0703-151 Datasheet HTML 1Page - Abracon Corporation ASPI-0703-151 Datasheet HTML 2Page - Abracon Corporation ASPI-0703-151 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0703
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
332
0
3
n
a
Esper za, Rancho Santa Margarita, C lifornia
a
688
2
9
tel 949-546-8000| fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
| www.
Revised: 03.14.12
Visit
www.abracon.comfor Terms & Conditions of Sale
FEATURES:
APPLICATIONS:
7.8 x 7.0 x 3.5mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
OPTIONS AND PART IDENTIFICATION
SMD Power Inductor
Abracon P/N:
ASPI-0703 Series
Operating Temperature:
Storage Temperature:
-40˚C to +85˚C
+5˚C to +40˚C
• Suitable for RoHS reflow profile
• High current rating and low DCR
• Special lead wire design to prevent open circuit failure
• Excellent terminal strength to mechanical stress
• OA equipments
• PC and notebook
• LCD TV set
• Power supply
Test Conditions
Inductance: 100kHz
Isat: ∆L/L (initial) ≥ -10% or ΔT=40°C (Ta=20°C), whichever is lower.
PART NUMBER
INDUCTANCE (uH)
Tolerance
DCR(Ω) max
IDC (A) max
Inductance Code
ASPI-0703-100
10
K
0.081
1.44
100
ASPI-0703-120
12
K
0.090
1.39
120
ASPI-0703-150
15
K
0.104
1.24
150
ASPI-0703-180
18
K
0.111
1.12
180
ASPI-0703-220
22
K
0.129
1.07
220
ASPI-0703-270
27
K
0.153
0.94
270
ASPI-0703-330
33
K
0.170
0.85
330
ASPI-0703-390
39
K
0.217
0.74
390
ASPI-0703-470
47
K
0.252
0.68
470
ASPI-0703-560
56
K
0.282
0.64
560
ASPI-0703-680
68
K
0.332
0.59
680
ASPI-0703-820
82
K
0.406
0.54
820
ASPI-0703-101
100
K
0.481
0.51
101
ASPI-0703-121
120
K
0.536
0.49
121
ASPI-0703-151
150
K
0.755
0.40
151
ASPI-0703-181
180
K
1.022
0.36
181
ASPI-0703-221
220
K
1.200
0.31
221
ASPI-0703-271
270
K
1.306
0.29
271
ASPI-0703-331
330
K
1.495
0.28
331
ASPI-0703-
-
Inductance Code
Please refer to the table above
Tolerance %
K: ± 10%
Packaging
T: Tape and Reel (1kpcs / reel)


Similar Part No. - ASPI-0703-151

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0703C ABRACON-ASPI-0703C Datasheet
1Mb / 3P
Shielded Power Inductor
08.20.14
ASPI-0703C-100 ABRACON-ASPI-0703C-100 Datasheet
1Mb / 3P
Shielded Power Inductor
08.20.14
ASPI-0703C-101 ABRACON-ASPI-0703C-101 Datasheet
1Mb / 3P
Shielded Power Inductor
08.20.14
ASPI-0703C-102 ABRACON-ASPI-0703C-102 Datasheet
1Mb / 3P
Shielded Power Inductor
08.20.14
ASPI-0703C-150 ABRACON-ASPI-0703C-150 Datasheet
1Mb / 3P
Shielded Power Inductor
08.20.14
More results

Similar Description - ASPI-0703-151

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSSL-0810 ETC2-PSSL-0810 Datasheet
23Kb / 1P
SMD Power Inductor
PSCDS-125 ETC2-PSCDS-125 Datasheet
24Kb / 1P
SMD Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
C201610DS SUMIDA-C201610DS Datasheet
283Kb / 3P
SMD Power Inductor
C252012DS SUMIDA-C252012DS Datasheet
234Kb / 3P
SMD Power Inductor
CDRH40D18A SUMIDA-CDRH40D18A_12 Datasheet
183Kb / 3P
SMD Power Inductor
CDRH2D11-HPNP-1R5NC SUMIDA-CDRH2D11-HPNP-1R5NC Datasheet
160Kb / 2P
SMD Power Inductor
logo
Bourns Electronic Solut...
SDR1307 BOURNS-SDR1307_10 Datasheet
97Kb / 1P
SMD POWER INDUCTOR
PM105 BOURNS-PM105 Datasheet
47Kb / 2P
SMD POWER INDUCTOR
logo
Sumida Corporation
CDRH2D18-HP SUMIDA-CDRH2D18-HP Datasheet
181Kb / 4P
SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com