Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP4208 Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP4208
Description  Digital Programmable 8-Phase Synchronous Buck Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4208 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP4208_13 Datasheet HTML 9Page - ON Semiconductor NCP4208_13 Datasheet HTML 10Page - ON Semiconductor NCP4208_13 Datasheet HTML 11Page - ON Semiconductor NCP4208_13 Datasheet HTML 12Page - ON Semiconductor NCP4208_13 Datasheet HTML 13Page - ON Semiconductor NCP4208_13 Datasheet HTML 14Page - ON Semiconductor NCP4208_13 Datasheet HTML 15Page - ON Semiconductor NCP4208_13 Datasheet HTML 16Page - ON Semiconductor NCP4208_13 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
NCP4208
http://onsemi.com
13
control input voltage to the positive input is set via the VID
logic according to the voltages listed in Table 8. The VID
code is set using the VID Input pins or it can be programmed
over the I2C using the VOUT_Command. By default, the
NCP4208 outputs a voltage corresponding to the VID
Inputs. To output a voltage following the VOUT_Command
the user first needs to program the required VID Code. Then
the VID_EN Bits need to be enabled. The following is the
sequence:
1. Program the required VID Code to the
VOUT_Command code (0x21).
2. Set the VID_EN bit (Bit 3) in the VR Config 1A
(0xD2) and on the VR Config 1B (0xD3).
This voltage is also offset by the droop voltage for active
positioning of the output voltage as a function of current,
commonly known as active voltage positioning. The output
of the amplifier is the COMP pin, which sets the termination
voltage for the internal PWM ramps.
The negative input (FB) is tied to the output sense location
with Resistor RB and is used for sensing and controlling the
output voltage at this point. A current source (equal to IREF)
from the FB pin flowing through RB is used for setting the
no load offset voltage from the VID voltage. The no load
voltage is negative with respect to the VID DAC for Intel
CPU’s. The main loop compensation is incorporated into the
feedback network between FB and COMP.
An offset voltage can be added to the control voltage over
the serial interface. This is done using Bits <5:0> of the
VOUT_CAL (0xDD) Command. The max offset that can be
applied is
±200 mV. The LSB size id 6.25 mV. A positive
offset is applied when Bit 5 = 0. A negative offset is applied
when Bit 5 = 1.
Table 4. Offset Codes
VOUT_Cal CODE
OFFSET VOLTAGE
0 0001
+6.25 mV
0 0010
+12.5 mV
0 0011
+18.75 mV
Dynamic VID
The NCP4208 has the ability to dynamically change the
VID inputs while the controller is running. This allows the
output voltage to change while the supply is running and
supplying current to the load. This is commonly referred to
as Dynamic VID (DVID). A DVID can occur under either
light or heavy load conditions. The processor signals the
controller by changing the VID inputs (or by programming
a new VOUT_Command) in a single or multiple steps from
the start code to the finish code. This change can be positive
or negative.
When a VID bit changes state, the NCP4208 detects the
change and ignores the DAC inputs for a minimum of 200 ns.
This time prevents a false code due to logic skew while the
VID inputs are changing. Additionally, the first VID change
initiates the PWRGD and CROWBAR blanking functions for
a minimum of 100
ms to prevent a false PWRGD or
CROWBAR event. Each VID change resets the internal
timer.
If a VID off code is detected the NCP4208 will wait for
5
msec to ensure that the code is correct before initiating a
shutdown of the controller.
The NCP4208 also uses the TON_Transition (0xD6) to
limit the DVID slew rates. These can be encountered when
the system does a large single VID step for power state
changes, thus the DVID slew rate needs to be limited to
prevent large inrush currents.
The transition slew rate is programmed using Bits <2:0>
of the Ton_Transition (0xD6) command code. Table 5
provides the transition rate values.
Table 5. Transition Rate Codes
Code
Transition Rate (V/msec)
000
1
001
3
010
5 = default
011
7
100
9
101
11
110
13
111
15
Enhanced transient Mode
The NCP4208 incorporates enhanced transient response
for both load step up and load release. For load step up it
senses the output of the error amp to determine if a load step
up has occurred and then sequences on the appropriate
number of phases to ramp up the output current.
For load release, it also senses the output of the error amp
and uses the load release information to trigger the TRDET
pin, which is then used to adjust the error amp feedback for
optimal positioning. This is especially important during
high frequency load steps.
Additional information is used during load transients to
ensure proper sequencing and balancing of phases during
high frequency load steps as well as minimizing the stress on
components such as the input filter and MOSFET’s.
Current Reference
The IREF pin is used to set an internal current reference.
This reference current sets IFB. A resistor to ground
programs the current based on the 1.8 V output.
IREF +
1.8 V
RIREF
(eq. 8)
Typically, RIREF is set to 121 kW to program IREF = 15 mA.
Internal Delay Timer
The delay times for the startup timing sequence are set by
an internal timer. The default time is 2 msec which can be
changed through the I2C interface. This timer is used for
multiple delay timings (TD1, TD3, and TD5) during the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com