Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-0804TS-471 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-0804TS-471
Description  SMD SHIELDED POWER INDUCTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-0804TS-471 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-0804TS-471 Datasheet HTML 1Page - Abracon Corporation ASPI-0804TS-471 Datasheet HTML 2Page - Abracon Corporation ASPI-0804TS-471 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASPI-0804TS
ELECTRICAL SPECIFICATIONS:
ABRACON IS
ISO 9001 / QS 9000
D
E
I
F
I
T
R
E
C
ABRACON IS
ISO 9001:2008
D
E
I
F
I
T
R
E
C
2
3
3
0
3
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
8
8
6
2
9
tel 949-546-8000 |fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
.
w
w
w
|
Revised: 04.30.13
Visit www.abracon.com for Terms & Conditions of Sale
SMD SHIELDED POWER INDUCTOR
12.95 x 9.04 x 5.08mm
• Desktop, Laptop, servers
• Network hubs, bridges, routers
• Portable communication equipment
• OA equipment
• LCD, DVD, modem, set-top box
• DC/DC converters
FEATURES:
APPLICATIONS:
• Magnetic shielded for low radiation
• Low profile, compact size
• Large Terminal surface for good PCB bonding
• Low DCR, High Energy storage, suitable for large currents
• Ideal for a variety of DC-DC converter inductor applications
Abracon P/N:
ASPI-0804TS-xxx
Operating Temperature:
-40ºC to +85ºC
Storage Temperature:
-40˚C to +85˚C (In tape and Reel)
PART NO﹒
ASPI-0804TS-
Inductance Code
Inductance
(μH)
Inductance
Tolerance
(N, M)
SRF
(MHz)
Typ.
DCR
(Ω)
Max.
Rated DC
current (A)
Color Coding
IDC1
Max.
IDC2
Max.
IDC3
Max.
1st
2nd
Multiplier
ASPI-0804TS-1R0
1.0
N
60
0.025
4.500
8.000
4.000
Brown
Black
Red
ASPI-0804TS-1R5
1.5
N
55
0.030
4.000
5.500
4.000
Brown
Green
Red
ASPI-0804TS-2R2
2.2
N
55
0.035
1.900
3.000
4.000
Red
Red
Red
ASPI-0804TS-3R3
3.3
N
50
0.040
1.600
2.800
4.000
Orange
Orange
Red
ASPI-0804TS-4R7
4.7
N
45
0.045
1.500
2.400
3.000
Yellow
Purple
Red
ASPI-0804TS-6R8
6.8
N
40
0.050
1.300
1.800
2.500
Blue
Gray
Red
ASPI-0804TS-100
10.0
M
35
0.055
0.800
1.200
2.000
Brown
Black
Orange
ASPI-0804TS-150
15.0
M
25
0.060
0.650
1.100
1.800
Brown
Green
Orange
ASPI-0804TS-220
22.0
M
22
0.084
0.600
1.000
1.500
Red
Red
Orange
ASPI-0804TS-330
33.0
M
18
0.090
0.550
0.900
1.300
Orange
Orange
Orange
ASPI-0804TS-470
47.0
M
16
0.110
0.320
0.500
1.000
Yellow
Purple
Orange
ASPI-0804TS-680
68.0
M
12
0.150
0.280
0.450
0.900
Blue
Gray
Orange
ASPI-0804TS-101
100.0
M
9
0.290
0.280
0.400
0.800
Brown
Black
Yellow
ASPI-0804TS-151
150.0
M
8
0.360
0.210
0.350
0.600
Brown
Green
Yellow
ASPI-0804TS-221
220.0
M
6
0.390
0.170
0.260
0.500
Red
Red
Yellow
ASPI-0804TS-331
330.0
M
5
0.730
0.130
0.200
0.400
Orange
Orange
Yellow
ASPI-0804TS-471
470.0
M
4
0.880
0.110
0.180
0.350
Yellow
Purple
Yellow
ASPI-0804TS-681
680.0
M
3
1.150
0.090
0.140
0.300
Blue
Gray
Yellow
ASPI-0804TS-102
1000.0
M
2.5
1.450
0.085
0.140
0.250
Brown
Black
Green
Test Conditions
Inductance: 100kHz, 0.1V
IDC1: Base on Inductance change (|ΔL/Lo|≤ 20%)
IDC2: Base on Inductance change (|ΔL/Lo|≤ 30%)
IDC3: Base on Temperature change (ΔT≤ 40oC)
Pb RoHS/RoHS II Compliant


Similar Part No. - ASPI-0804TS-471

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-0804T ABRACON-ASPI-0804T Datasheet
842Kb / 2P
SURFACE-MOUNT POWER INDUCTORS
07.01.09
ASPI-0804T-100 ABRACON-ASPI-0804T-100 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
ASPI-0804T-100M ABRACON-ASPI-0804T-100M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
ASPI-0804T-101 ABRACON-ASPI-0804T-101 Datasheet
1Mb / 2P
Special design lead wire for high isolation
10.21.11
ASPI-0804T-101M ABRACON-ASPI-0804T-101M Datasheet
182Kb / 1P
SURFACE-MOUNT POWER INDUCTORS
More results

Similar Description - ASPI-0804TS-471

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
HP0605R56ML ABC-HP0605R56ML Datasheet
110Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH20091R0YL ABC-SH20091R0YL Datasheet
472Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30091R3YL ABC-SH30091R3YL Datasheet
481Kb / 6P
SHIELDED SMD POWER INDUCTOR
SH30274R7YL ABC-SH30274R7YL Datasheet
157Kb / 7P
SHIELDED SMD POWER INDUCTOR
logo
MPS Industries, Inc.
P170703 MPSIND-P170703 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
P171205 MPSIND-P171205 Datasheet
160Kb / 1P
SHIELDED SMD POWER INDUCTOR
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
SHIELDED SMD POWER INDUCTOR
PSE104 MPSIND-PSE104 Datasheet
314Kb / 2P
SHIELDED SMD POWER INDUCTOR
logo
Bourns Electronic Solut...
PM105SB-100M-RC BOURNS-PM105SB-100M-RC Datasheet
309Kb / 2P
Shielded SMD Power Inductor
PM428S-1R2-RC BOURNS-PM428S-1R2-RC Datasheet
358Kb / 2P
Shielded SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com