Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1730E/2K Datasheet(PDF) 14 Page - Texas Instruments

Part # PCM1730E/2K
Description  24-BIT, 192-kHz SAMPLING ADVANCED SEGMENT, AUDIO STEREO DIGITAL-TO-ANALOG CONVERTER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1730E/2K Datasheet(HTML) 14 Page - Texas Instruments

Back Button PCM1730E/2K Datasheet HTML 10Page - Texas Instruments PCM1730E/2K Datasheet HTML 11Page - Texas Instruments PCM1730E/2K Datasheet HTML 12Page - Texas Instruments PCM1730E/2K Datasheet HTML 13Page - Texas Instruments PCM1730E/2K Datasheet HTML 14Page - Texas Instruments PCM1730E/2K Datasheet HTML 15Page - Texas Instruments PCM1730E/2K Datasheet HTML 16Page - Texas Instruments PCM1730E/2K Datasheet HTML 17Page - Texas Instruments PCM1730E/2K Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
PCM1730
SLES021 – NOVEMBER 2001
14
www.ti.com
op amp for I/V converter circuit
OPA627BP/BM or NE5534 type op amp is recommended for I/V conversion circuit to obtain specified audio
performance. Dynamic performance such as gain bandwidth, settling time and slew rate of op amp gives audio
dynamic performance at I/V section. Input noise specification of op amp should be considered to obtain 120 dB
S/N ratio.
analog gain by balanced amp
The I/V converters are followed by balanced amplifier stages, which sum the differential signals for each
channel, creating a single-ended voltage output. In addition, the balanced amplifiers provide a second-order
low pass filter function, which band limits the audio output signal. The cutoff frequency and gain are given by
the external R and C component values. In this case, the cutoff frequency is 45 kHz with a gain of 1. The output
voltage for each channel is 6.2 Vp-p, or 2.2 Vrms.
reference current resistor
As shown in the analog output application circuit, there is a resistor connected from IREF (pin 21) to analog
ground, designated as R1. This resistor sets the current for the internal reference circuit. The value of R1 must
be 16 k
Ω ±1% in order to match the specified gain error shown in the specifications table.
theory of operation
Analog Output
Digital Input
24 Bit
8 fS
MSB
and
Lower 18 Bit
Upper
6 Bit
ICOB
Decoder
3rd-Order
5-Level
Sigma-Delta
Advanced
DWA
Current
Segment
DAC
0–4
Level
0–62
Level
0–66
Figure 8. Advanced Segments DAC
The PCM1730 utilizes Texas Instruments’ newly developed advanced segment DAC architecture to achieve
excellent dynamic performance and improved tolerance to clock jitter. The PCM1730 provides balanced current
outputs, allowing the user to optimize analog performance externally.
Digital input data via digital filter separates into the upper 6 bits and lower the 18 bits. The upper 6 bits are
converted to ICOB (inverted complementary offset binary) code. The lower 18 bits associated with the MSB are
processed by five level third order delta-sigma modulator operated at 64 fS. The one level of the modulator is
equivalent to the 1 LSB of the above code converter. The data groups processed in the ICOB converter and
third order delta-sigma modulator are summed together to be created over the 64 level digital code, and then
processed in DWA (data weighted averaging) to reduce noise produced by element mismatch. The data of over
64 level via DWA is converted to analog output in the differential current segment portion.
This architecture has overcome the various drawbacks of conventional multi-bit and also achieves excellent
dynamic performance.
considerations for application circuit
PCB layout guidelines
A typical PCB floor plan for the PCM1730 is shown in Figure 9. A ground plane is recommended, with the analog
and digital sections being isolated from one another using a split or cut in the circuit board. The PCM1730 should
be oriented with the digital I/O pins facing the ground plane split/cut to allow for short, direct connections to the
digital audio interface and control signals originating from the digital section of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com