Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-1205S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-1205S
Description  SHIELDED POWER INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1205S Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-1205S Datasheet HTML 1Page - Abracon Corporation ASPI-1205S Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D
D
E
F
ASPI-1205S-xxx
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.18.09
Visit www.abracon.com for Terms & Conditions of Sale
SHIELDED POWER INDUCTOR
OUTLINE DRAWING:
TAPE & REEL: T = Tape and reel 500pcs/reel
REFLOW PROFILE:
Dimension : Inches (mm)
Recommended Land Pattern
Part#
A
B
C
0.472±0.012
0.472±0.012
0.236 max.
ASPI-1205S-xxx
(12.0±0.3)
(12.0±0.3)
(6.0 max.)
Part#
D
E
F
0.110 ref.
0.276 ref.
0.213 ref.
ASPI-1205S-xxx
(2.8 ref.)
(7.0 ref.)
(5.4 ref.)
Dimension : mm
A
B
C
D
24.5±0.2
100±0.05
13.2±0.3
330±1.0
series
ASPI-1205S-xxx
Part#
A0
B0
K0
P
P0
P2
ASPI-1205S-xxx
12.6±0.1
12.6±0.1
6.2±0.1
16.0±0.1
4.0±0.1
2.0±0.1
Part#
W
F
E
D0
D1
ASPI-1205S-xxx
24±0.3
11.5±0.1
1.75±0.1
1.5 min.
1.5 min.
NOTE: Abracon manufactured products are intended for general commercial and industrial use. For applications requiring
high reliability and/or presenting extreme operating environment, written consent & authorization from Abracon is required.
12.0 x 12.0 x 6.0mm
| | | | | | | | | | | | | | |



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com