Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-1040HI-R47 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-1040HI-R47
Description  Molding Type Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-1040HI-R47 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-1040HI-R47 Datasheet HTML 1Page - Abracon Corporation ASPI-1040HI-R47 Datasheet HTML 2Page - Abracon Corporation ASPI-1040HI-R47 Datasheet HTML 3Page - Abracon Corporation ASPI-1040HI-R47 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Molding Type Power Inductor
| | | | | | | | | | | | | | |
ASPI-1040HI
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 11.19.11
Visit www.abracon.com for Terms & Conditions of Sale
RVES
PART NUMBER IDENTIFICATION
OUTLINE DRAWING:
Dimension: mm
Recommended Land Pattern
11.15 x 10.0 x 4.0 mm
ASPI-1040HI-
-
Inductance Code
Please refer to the
Electrical Spec Table
Packaging
T05: Tape and Reel (500pcs /
reel)
Tolerance
M: ±20%
A
A'
B
L
W
H
2.0 ±0.5
2.5 ±0.1
3.0 ±0.5
11.15 ±0.35
10 ±0.3
4 max (4.0 ±0.25 for R16)
A
B
C
13.6
5.4
4.1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com