Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-2010 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-2010
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2010 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-2010 Datasheet HTML 1Page - Abracon Corporation ASPI-2010 Datasheet HTML 2Page - Abracon Corporation ASPI-2010 Datasheet HTML 3Page - Abracon Corporation ASPI-2010 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASPI-2010 series
ELECTRICAL SPECIFICATIONS:
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
2.0 x 1.6 x 1.0 mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Wire Wound Magnetically Shielded SMD Power Inductor
Abracon P/N:
ASPI-2010 Series
Operating Temperature & Humidity :
Storage Temperature & Humidity:
• Small size and low profile: 1.0mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.20.13
Visit www.abracon.com for Terms & Conditions of Sale
ASPI-2010
Part Number
ASPI-2010-
Inductance
Code
Inductance
L Tolerance
DC Resistance
Typ
DC Resistance
Max
Saturation
Current Typ
Saturation
Current Max
Temperature
Rise Current
Typ
Temperature
Rise Current
Max
Units
μH
Ω Typ
Ω Max
A Typ
A Max
A Typ
A Max
Symbol
L
M
DCR
Isat
Irms
ASPI-2010-R47
0.47
M
0.049
0.059
2.30
2.85
2.35
2.60
ASPI-2010-R68
0.68
M
0.063
0.076
1.95
2.45
2.05
2.25
ASPI-2010-1R0
1.0
M
0.095
0.114
1.65
1.85
1.45
1.60
ASPI-2010-1R5
1.5
M
0.145
0.174
1.35
1.65
1.25
1.40
ASPI-2010-2R2
2.2
M
0.220
0.264
1.20
1.45
1.10
1.20
ASPI-2010-3R3
3.3
M
0.279
0.335
0.90
1.05
0.88
0.98
ASPI-2010-4R7
4.7
M
0.399
0.479
0.70
0.85
0.74
0.82
ASPI-2010-6R8
6.8
M
0.680
0.816
0.60
0.70
0.52
0.58
Test Conditions:
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): WK3260B LCR meter or equivalent, 1MHz
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Saturation Current (Isat): WK3260B LCR meter or equivalent
Isat: Based on inductance change (∆ L/Lo ≈ -30%)
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer
Irms: Based on temperature rise (∆ T : 40 oC TYP. )
-40˚C ~ +125˚C (including self heating)
-10˚C ~ +40˚C and 70% R.H. max.
RoHS/RoHS II Compliant


Similar Part No. - ASPI-2010

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2010HC-100 ABRACON-ASPI-2010HC-100 Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2010HC-1R0 ABRACON-ASPI-2010HC-1R0 Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2010HC-2R2 ABRACON-ASPI-2010HC-2R2 Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2010HC-R24 ABRACON-ASPI-2010HC-R24 Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
More results

Similar Description - ASPI-2010

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
SMD Power Inductor, Magnetically shielded
logo
Abracon Corporation
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
logo
Frontier Electronics.
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
logo
Abracon Corporation
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-2012 ABRACON-ASPI-2012 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
12.18.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
SMD, Magnetically Shielded Power Inductor
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com