Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-2012-4R7 Datasheet(PDF) 4 Page - Abracon Corporation

Part # ASPI-2012-4R7
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2012-4R7 Datasheet(HTML) 4 Page - Abracon Corporation

  ASPI-2012-4R7 Datasheet HTML 1Page - Abracon Corporation ASPI-2012-4R7 Datasheet HTML 2Page - Abracon Corporation ASPI-2012-4R7 Datasheet HTML 3Page - Abracon Corporation ASPI-2012-4R7 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ASPI-2012 series
2.0 x 2.0 x 1.2 mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Wire Wound Magnetically Shielded SMD Power Inductor
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.18.13
Visit www.abracon.com for Terms & Conditions of Sale
ASPI-2012
RoHS/RoHS II Compliant
TAPE & REEL:
Storage Conditions
a. To maintain the solderability of terminal electrodes and to keep the packing material in good condition, temperature and
humidity in the storage area should be controlled.
b. Recommended conditions: -10oC ~ +40 oC, 70% RH (Max.)
c. Even under ideal storage conditions, solderability of products electrodes may decrease as time passes. For this reason, product
should be used within one year from the time of delivery.
d. In case of storage over 6 months, solderability shall be checked before actual usage.
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
T: 2,000pcs / reel
Ao
Bo
W
E
F
Po
P1
P2
Do
T
Ko
2.35±0.05 2.35±0.05
8.0±0.1
1.75±0.1
3.5±0.05
4.0±0.1
4.0±0.1
2.0±0.05 1.5+0.1/-0.0
0.25±0.02
1.40±0.05



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com