Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-2012-150 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASPI-2012-150
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2012-150 Datasheet(HTML) 1 Page - Abracon Corporation

  ASPI-2012-150 Datasheet HTML 1Page - Abracon Corporation ASPI-2012-150 Datasheet HTML 2Page - Abracon Corporation ASPI-2012-150 Datasheet HTML 3Page - Abracon Corporation ASPI-2012-150 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASPI-2012 series
ELECTRICAL SPECIFICATIONS:
FEATURES:
APPLICATIONS:
• Mobile phones
• MP3 & 4 and other portable communication equipment
• Digital cameras.
2.0 x 2.0 x 1.2 mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Wire Wound Magnetically Shielded SMD Power Inductor
Abracon P/N:
ASPI-2012 series
Operating Temperature & Humidity :
Storage Temperature & Humidity:
• Small size and low profile: 1.2mm
• Small DCR and high rated current
• High reliability to mechanical stress
• Magnetically shielded by magnetic powder molding
• Suitable for RoHS reflow profile
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.18.13
Visit www.abracon.com for Terms & Conditions of Sale
ASPI-2012
-40˚C ~ +125˚C (including self heating)
-10˚C ~ +40˚C and 70% R.H. max.
RoHS/RoHS II Compliant
Part Number
ASPI-2012-
Inductance
Code
Inductance
L Tolerance
DC Resistance
Typ
DC Resistance
Max
Saturation
Current Max
Saturation
Current Typ
Temperature
Rise Current
Max
Temperature
Rise Current
Typ
Units
μH
−
Ω Typ
Ω Max
A Max
A Typ
A Max
A Typ
Symbol
L
M
DCR
Isat
Irms
ASPI-2012-R16
0.16
M
0.026
0.031
5.20
5.80
2.50
2.75
ASPI-2012-R24
0.24
M
0.035
0.042
4.70
5.20
2.20
2.40
ASPI-2012-R33
0.33
M
0.035
0.042
3.50
4.00
2.20
2.40
ASPI-2012-R47
0.47
M
0.042
0.050
3.55
3.75
2.00
2.20
ASPI-2012-R68
0.68
M
0.050
0.060
2.95
3.10
1.80
2.00
ASPI-2012-1R0
1.0
M
0.073
0.088
2.70
2.85
1.50
1.65
ASPI-2012-1R5
1.5
M
0.093
0.112
2.00
2.20
1.30
1.45
ASPI-2012-2R2
2.2
M
0.106
0.127
1.40
1.65
1.20
1.35
ASPI-2012-3R3
3.3
M
0.230
0.276
1.20
1.35
0.85
0.95
ASPI-2012-4R7
4.7
M
0.245
0.294
0.97
1.10
0.82
0.90
ASPI-2012-6R8
6.8
M
0.399
0.479
0.82
0.92
0.64
0.70
ASPI-2012-100
10
M
0.654
0.785
0.72
0.82
0.49
0.54
ASPI-2012-150
15
M
1.140
1.368
0.55
0.65
0.38
0.42
ASPI-2012-180
18
M
1.400
1.680
0.60
0.68
0.35
0.38
ASPI-2012-220
22
M
1.400
1.680
0.40
0.50
0.35
0.38
ASPI-2012-330
33
M
1.800
2.160
0.35
0.40
0.30
0.33
Test Conditions:
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): WK3260B LCR meter or equivalent, 1MHz
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Saturation Current (Isat): WK3260B LCR meter or equivalent
Isat max. is the DC current at which the inductance drops less than 30% from its value without current.
Isat typ. is the DC current at which the inductance drops approximate 30% from its value without current.
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer
For Irms max, ΔT<40oC. For Irms typ, ΔT is approximate 40oC.


Similar Part No. - ASPI-2012-150

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-1R0 ABRACON-ASPI-2010-1R0 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-1R5 ABRACON-ASPI-2010-1R5 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-2R2 ABRACON-ASPI-2010-2R2 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010-3R3 ABRACON-ASPI-2010-3R3 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
More results

Similar Description - ASPI-2012-150

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
252010CDMCDS SUMIDA-252010CDMCDS Datasheet
155Kb / 2P
SMD Power Inductor, Magnetically shielded
logo
Abracon Corporation
ASPI-6045S ABRACON-ASPI-6045S Datasheet
2Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.05.14
logo
Frontier Electronics.
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
logo
Abracon Corporation
ASPI-2010 ABRACON-ASPI-2010 Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.20.13
ASPI-2010HC ABRACON-ASPI-2010HC Datasheet
1Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
01.07.13
ASPI-4020S ABRACON-ASPI-4020S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.07.13
ASPI-4030S ABRACON-ASPI-4030S Datasheet
2Mb / 3P
Wire Wound Magnetically Shielded SMD Power Inductor
03.09.13
ASPI-8040S ABRACON-ASPI-8040S Datasheet
1Mb / 4P
Wire Wound Magnetically Shielded SMD Power Inductor
02.03.14
logo
HALO Electronics, Inc.
HPC104N-R22MTR HALO-HPC104N-R22MTR Datasheet
1,019Kb / 6P
SMD, Magnetically Shielded Power Inductor
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
WIRE WOUND SMD INDUCTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com