Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-8040S Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-8040S
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-8040S Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-8040S Datasheet HTML 1Page - Abracon Corporation ASPI-8040S Datasheet HTML 2Page - Abracon Corporation ASPI-8040S Datasheet HTML 3Page - Abracon Corporation ASPI-8040S Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASPI-8040S
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.03.14
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
8.0 x 8.0 x 4.2mm
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
Part Number
ASPI-8040S-
Inductance Code
Inductance
L Tolerance
DC Resistance
(±30%)
Saturation
Current
Temperature
Rise Current
Min. Self resonant
frequency
Units
μH
−
Ω
A
A
MHz
Symbol
L
N, M
DCR
Isat
Irms
SRF
ASPI-8040S-121
120
M
0.334
1.05
0.95
3.5
ASPI-8040S-151
150
M
0.410
1.10
0.85
3.5
ASPI-8040S-221
220
M
0.599
0.85
0.80
3.5
ASPI-8040S-331
330
M
0.889
0.68
0.64
2.8
Test Conditions:
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): ZM2355 LCR meter or equivalent, 100kHz, 1Vrms
Direct Current Resistance (DCR): HIOKI 3540 or equivalent
Saturation Current (Isat): Saturation current meter
Isat: Based on inductance change (∆ L/Lo :∆ -30%)
Temperature rise current (Irms): Electric Power, Electric current meter, Thermometer
Irms: Based on temperature rise (∆ T : 40 oC TYP. )
ELECTRICAL CHARACTERISTICS CURVES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com