Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-8040S-R82 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASPI-8040S-R82
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-8040S-R82 Datasheet(HTML) 3 Page - Abracon Corporation

  ASPI-8040S-R82 Datasheet HTML 1Page - Abracon Corporation ASPI-8040S-R82 Datasheet HTML 2Page - Abracon Corporation ASPI-8040S-R82 Datasheet HTML 3Page - Abracon Corporation ASPI-8040S-R82 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ASPI-8040S
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.03.14
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
8.0 x 8.0 x 4.2mm
ABRACON IS
ISO9001:2008
CERTIFIED
Pb RoHS/RoHS II compliant
ASPI-8040S -
-
*M for 6.8µH~330µH
*N for 0.82µH~6.2µH
Inductance Code
Please refer to the
table above
Tolerance
M: ±20% *
N: ±30% *
Packaging
T: Tape and Reel
(1kpcs / reel)
ELECTRICAL CHARACTERISTICS CURVES
Recommended Land Pattern
Dimensions: mm
A
B
C Max.
D
E
F
a Typ.
b Typ.
c Typ.
8.0±0.3 8.0±0.3 4.2Max. 6.3±0.3 2.00±0.3 4.0±0.3 3.8Typ. 2.2Typ. 7.5Typ.
OUTLINE DIMENSIONS:
Materials
No
Components
Material
1
Ferrite Core
Ni-Zn Ferrite
2
Wire
Polyurethane System enameled copper
wire
3
Magnetic Glue
Epoxy resin and magnetic powder
4
Plating Electrodes
Plating: Ag/Ni/Sn
5
Outer Electrodes
Top surface solder
coating:Sn96.5%/Ag3.0%/Cu0.5%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com