Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-2012-330 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-2012-330
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-2012-330 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-2012-330 Datasheet HTML 1Page - Abracon Corporation ASPI-2012-330 Datasheet HTML 2Page - Abracon Corporation ASPI-2012-330 Datasheet HTML 3Page - Abracon Corporation ASPI-2012-330 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ASPI-2012 series
2.0 x 2.0 x 1.2 mm
Pb
ABRACON IS
ISO9001:2008
CERTIFIED
Wire Wound Magnetically Shielded SMD Power Inductor
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 12.18.13
Visit www.abracon.com for Terms & Conditions of Sale
ASPI-2012
RoHS/RoHS II Compliant
ELECTRICAL CHARACTERISTICS CURVES
PART IDENTIFICATION:
Recommended Land Pattern
Dimensions: mm
OUTLINE DIMENSION:
ASPI-2012-
-
Inductance Code
Please refer to the
table above
Tolerance
M: ±20%
Packaging
T: Tape and Reel
(2kpcs / reel)
A
B
C Max.
D
E
F
a Typ.
b Typ.
c Typ.
2.0±0.1
2.0±0.1
1.2
1.5±0.2
0.60±0.2
0.80±0.2
0.65
0.70
2.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com