Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASPI-4030S-4R7 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ASPI-4030S-4R7
Description  Wire Wound Magnetically Shielded SMD Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASPI-4030S-4R7 Datasheet(HTML) 2 Page - Abracon Corporation

  ASPI-4030S-4R7 Datasheet HTML 1Page - Abracon Corporation ASPI-4030S-4R7 Datasheet HTML 2Page - Abracon Corporation ASPI-4030S-4R7 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ASPI-4030S
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 |www.abracon.com
Revised: 03.09.13
Visit www.abracon.com for Terms & Conditions of Sale
Wire Wound Magnetically Shielded SMD Power Inductor
:
4.0 x 4.0 x 3.0 mm
ABRACON IS
ISO9001:2008
CERTIFIED
PART IDENTIFICATION:
ELECTRICAL CHARACTERISTICS CURVES
Recommended Land Pattern
Dimensions: mm
OUTLINE DIMENSIONS:
*M for 3.3µH~120µH
*N for 0.91µH~2.2µH
:
ASPI-4030S -
-
Inductance Code
Please refer to the
table above
Tolerance
M: ±20% *
N: ±30% *
Packaging
T: Tape and Reel
(2kpcs / reel)
b
b
a
A
B
C Max.
D
E
F
a Typ.
b Typ.
c Typ.
4.0±0.2
4.0±0.2
3.0
3.3±0.2
0.95±0.2
2.1±0.2
1.9
1.1
3.4
Pb RoHS/RoHS II Compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com