Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28S Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # M28S
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

M28S Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  M28S Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. M28S Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Typical
Characteristics
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1
10
100
1000
110
100
1
10
100
1000
0
25
50
75
100
125
150
0
50
100
150
200
250
1
10
100
1000
100
1000
0.1
1
10
1
10
100
1000
1
10
100
1000
100
1000
01
23
45
0
20
40
60
80
100
120
140
160
1
10
100
1000
1
10
100
1000
V
CE=1V
BASE-EMMITER VOLTAGE
V
BE
(V)
I
C
V
BE
——
Ta=100℃
Ta=25℃
I
C
f
T
——
COLLECTOR CURRENT
I
V
CE=10V
Ta=25℃
AMBIENT TEMPERATURE
T
℃
P
C
——
T
a
COLLECTOR CURRENT
I
C
(mA)
I
C
V
BEsat
——
β
=30
Ta=100℃
Ta=25℃
2000
Cob
Cib
REVERSE VOLTAGE
V
(V)
V
CB
/ V
EB
C
ob
/ C
ib
——
f=1MHz
I
E=0/IC=0
Ta=25℃
20
COLLECTOR CURRENT
I
C
(mA)
Ta=100℃
Ta=25℃
V
CE=1V
I
C
h
FE
——
2000
200uA
180uA
160uA
140uA
120uA
100uA
80uA
60uA
40uA
I
B=20uA
COLLECTOR-EMITTER VOLTAGE
V
CE
(V)
Static Characteristic
COMMON
EMITTER
Ta=25℃
β
=30
Ta=100℃
Ta=25℃
COLLECTOR CURRENT
I
C
(mA)
I
C
V
CEsat
——
M28S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com