Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QL8150 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # QL8150
Description  LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

QL8150 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button QL8150 Datasheet HTML 33Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 34Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 35Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 36Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 37Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 38Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 39Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 40Page - List of Unclassifed Manufacturers QL8150 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
‹ 4XLFN/RJLF &RUSRUDWLRQ
ZZZTXLFNORJLFFRP
‡
‡
‡
‡
‡
‡
(FOLSVH,,)DPLO\ 'DWD 6KHHW 5HY %
Preliminary

7DEOH'HGLFDWHG3LQ'HVFULSWLRQV
3LQ
)XQFWLRQ
'HVFULSWLRQ
GCLK
Global clock network driver
Low skew global clock. This pin provides access to a dedicated,
distributed network capable of driving the CLOCK, SET, RESET,
F1, and A2 inputs to the Logic Cell, READ, and WRITE CLOCKS,
Read and Write Enables of the Embedded RAM Blocks, CLOCK
of the ECUs, and Output Enables of the I/Os.
I/O(A)
Input/Output pin
The I/O pin is a bi-directional pin, configurable to either an input-
only, output-only, or bi-directional pin. The A inside the
parenthesis means that the I/O is located in Bank A. If an I/O is
not used, SpDE (QuickWorks Tool) provides the option of tying
that pin to GND, VCC, or TriState during programming.
VCC
Power supply pin
Connect to 1.8 V supply
VCCIO(A)
Input voltage tolerance pin
This pin provides the flexibility to interface the device with either a
3.3 V, 2.5 V, or 1.8 V device. The A inside the parenthesis means
that VCCIO is located in BANK A. Every I/O pin in Bank A will be
tolerant of VCCIO input signals and will output VCCIO level signals.
This pin must be connected to either 3.3 V, 2.5 V, or 1.8 V.
GND
Ground pin
Connect to ground
PLLIN
PLL clock input
Clock input for PLL
DEDCLK
Dedicated clock pin
Low skew global clock. This pin provides access to a dedicated,
distributed clock network capable of driving the CLOCK inputs of
all sequential elements of the device (e.g. RAM, Flip Flops).
GNDPLL
Ground pin for PLL
Connect to GND
INREF(A)
Differential reference voltage
The INREF is the reference voltage pin for GTL+, SSTL2, and
STTL3 standards. Follow the recommendations provided in
7DEOH for the appropriate standard. The A inside the parenthesis
means that INREF is located in BANK A. This pin should be tied
to GND if not needed.
PLLOUT
PLL output pin
Dedicated PLL output pin; otherwise, may be left unconnected
IOCTRL(A) Highdrive input
This pin provides fast RESET, SET, CLOCK, and ENABLE access
to the I/O cell flip-flops, providing fast clock-to-out and fast I/O
response times. This pin can also double as a high-drive pin to the
internal logic cells. The A inside the parenthesis means that
IOCTRL is located in Bank A. There is an internal pulldown
resistor to Ground on this pin. This pin should be tied to Ground if
it is not used. For backwards compatibility with Eclipse, it can be
tied to Vcc or Ground. If tied to Vcc, it will draw no more than
20 µA per IOCTRL pin due to the pulldown resistor.
6KHHWRI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com