Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2705 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2705
Description  LOW NOISE, MULTI-MODE, QUAD-BAND, QUADRATURE MODULATOR AND PA DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2705 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2705 Datasheet HTML 7Page - RF Micro Devices RF2705 Datasheet HTML 8Page - RF Micro Devices RF2705 Datasheet HTML 9Page - RF Micro Devices RF2705 Datasheet HTML 10Page - RF Micro Devices RF2705 Datasheet HTML 11Page - RF Micro Devices RF2705 Datasheet HTML 12Page - RF Micro Devices RF2705 Datasheet HTML 13Page - RF Micro Devices RF2705 Datasheet HTML 14Page - RF Micro Devices RF2705 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
5-123
RF2705
Rev A4 041026
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General Specifications
Operating Range
Supply Voltage
2.7
3.3
V
Temperature
-40
+85
°C
Current Consumption
Refer to Logic Control Truth Table for Mode
Control Pin Voltages.
Sleep
<1
10
µA
Wideband FLOx1 (high power)
114
mA
GC=2.0V
*85
mA
GC=0.2V
(medium power)
89
mA
GC=2.0V
*54
mA
GC=0.2V
(low power)
63
mA
GC=2.0V. See Note 1.
*
42
mA
GC=0.2V. See Note 1.
Wideband FLOx2 (high power)
110
mA
GC=2.0V
84
mA
GC=0.2V
(medium power)
80
mA
GC=2.0V
53
mA
GC=0.2V
(low power)
54
mA
GC=2.0V. See Note 1.
41
mA
GC=0.2V. See Note 1.
High Band FLOx2
72
mA
GC=2.0V
Low Band FLO/2
82
mA
GC=2.0V
High Band Bypass
23
mA
Low Band Bypass
22
mA
High Band FLOx1
76
mA
GC=2.0V
Low Band FLOx1
74
mA
GC=2.0V
Logic Levels
Input Logic 0
0
0.4
V
Input Logic 1
1.4
VCC
V
Logic Pins Input Current
<1.0
µACMOS inputs
LO Input Ports
LO LB Input Frequency Range
800
1000
MHz
LO HB Input Frequency Range
1600
2000
MHz
Input Impedance
50
Ω
Externally matched
I/Q Baseband Inputs
Baseband Input Voltage
1.15
1.25
V
Common mode voltage
Baseband Input Level
EDGE
1.2
VP-P
Differential
W-CDMA
0.8
VP-P
1DPCCH+1DPDCH. See Note 1.
GMSK
1.0
VP-P
Differential
Baseband Input Impedance
100k||1pF
Ω
Measured at 100kHz
Input Bandwidth
EDGE
0.7
1.0
MHz
W-CDMA
8.0
11.0
MHz
Baseband Filter Attenuation
EDGE
20
dB
At 20MHz
W-CDMA
10
dB
At 40MHz
Baseband Input DC Current
-10
0
10
µA
Gain Control
Gain Control Voltage
0.2
2.2
V
Gain Control Impedance
10
k
Ω
Note 1: In low power mode it is recommended that the IQ level be reduced to 0.4VP-P. If IQ level is >0.4VP-P, this mode should be used
for W-CDMA TX power levels below -20dBm (measured at antenna).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com