Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASIS3028 Datasheet(PDF) 1 Page - Advanced Semiconductor

Part # ASIS3028
Description  SILICON ABRUPT VARACTOR DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor

ASIS3028 Datasheet(HTML) 1 Page - Advanced Semiconductor

  ASIS3028 Datasheet HTML 1Page - Advanced Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A D V A N C E D S E M I C O N D U C T O R, I N C
REV. A
7525 ETHEL AVENUE
• NORTH HOLLYWOOD, CA 91605 • (818) 982-1200 • FAX (818) 765-3004
1/2
Specifications are subject to change without notice.
CHARACTERISTICS TC = 25 °C
SYMBOL
TEST CONDITIONS
MINIMUM TYPICAL MAXIMUM
UNITS
VF
IF = 100 mA
1.0
V
VBR
IR = 10
µA
50
V
CJ6
VR = 6.0 V
f = 1.0 MHz
1.7
2.2
pF
CJ45
VR = 45 V
f = 1.0 MHz
1.0
pF
∆∆∆∆
VR = 6.0 V & VR = 45 V
2.25
---
FC
VR = 6.0 V
45
GHz
SILICON ABRUPT VARACTOR DIODE
S3028
DESCRIPTION:
The
ASI S3028 is a Designed for use
in general purpose filter and oscillator
applications.
FEATURES:
•••• Blue Cathode dot
• Hermetic sealed Package
MAXIMUM RATINGS
IF
10 mA
VR
50 V
PDISS
1.5 W @ TC = 25 °C
TJ
-65 °C to +150 °C
TSTG
-65 °C to +150 °C
Tsoldering
+230 °C for 30 Seconds
PACKAGE STYLE 51


Similar Part No. - ASIS3028

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASIS15-28 ASI-ASIS15-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASISD1006 ASI-ASISD1006 Datasheet
36Kb / 1P
NPN SILICON HIGH FREQUENCY TRANSISTOR
REV. A
ASISD1425 ASI-ASISD1425 Datasheet
26Kb / 2P
NPN SILICON RF POWER TRANSISTOR
ASISD1441 ASI-ASISD1441 Datasheet
28Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - ASIS3028

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MV1863D ASI-MV1863D Datasheet
15Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
REV. A
1N5709B ASI-1N5709B Datasheet
17Kb / 1P
ABRUPT VARACTOR DIODE
REV. A
AT12015-21 ASI-AT12015-21 Datasheet
24Kb / 1P
SILICON ABRUPT VARACTOR DIODE
AT12016-21 ASI-AT12016-21 Datasheet
22Kb / 1P
SILICON ABRUPT VARACTOR DIODE
AT12017-21 ASI-AT12017-21 Datasheet
22Kb / 1P
SILICON ABRUPT VARACTOR DIODE
AT12020-21 ASI-AT12020-21 Datasheet
22Kb / 1P
SILICON ABRUPT VARACTOR DIODE
MA45334 ASI-MA45334 Datasheet
20Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
MA45851 ASI-MA45851 Datasheet
22Kb / 1P
SILICON ABRUPT TUNING VARACTOR DIODE
PC115A ASI-PC115A Datasheet
20Kb / 1P
SILICON ABRUPT TUNING VARACTOR
MV1648 ASI-MV1648 Datasheet
32Kb / 1P
SILICON ABRUPT VARACTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com