Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC14404 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # SC14404
Description  Complete Baseband Processor for DECT Handsets
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

SC14404 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  SC14404 Datasheet HTML 1Page - National Semiconductor (TI) SC14404 Datasheet HTML 2Page - National Semiconductor (TI) SC14404 Datasheet HTML 3Page - National Semiconductor (TI) SC14404 Datasheet HTML 4Page - National Semiconductor (TI) SC14404 Datasheet HTML 5Page - National Semiconductor (TI) SC14404 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Copyright 2000 National Semiconductor Corp.
5
www.national.com
2.0 Package information
FIGURE 2. 100 pins TP Quad Flat Pack. NS Package Number VJG100A
FIGURE 3. 100 pins Chip Scaled Package. NS package SLC100A
1
2
3
4
5
6
7
8
9
10
A
B
C
D
E
F
G
H
J
K
0.8 TYP
(7.2 TYP)
(1.4 TYP)
0.36 +- 0.05 TYP
1.4 0.1
+
-
0.46 TYP
10
0.2
+
-
10 0.2
+
-
A1 BALL PAD CORNER
A1 BALL PAD CORNER
Bottom view
Top view
Dimensions are in milimeters
Note 2
N
Note 3
SEATING PLANE
Note 3
0.1
0.15 M N
0.08 M N
L S M S
NOTES: UNLESS OTHERWISE SPECIFIED
1. SOLDER BALL COMPOSITION: Sn 63%, Pb 37%
2. DIMENSIONS MEASURED AT MAXIMUM SOLDER BALL DIAMETER,
PARALLEL TO PRIMARY DATUM N
3. PRIMARY DATUM N AND SEATING PLANE ARE DEFINED BY THE SPHERICAL
CROWNS OF THE SOLDER BALLS
L
M
4. NO JEDEC REGISTRATION AS OF JUNE 1998



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com