Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3650 Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 2SC3650
Description  Plastic-Encapsulate Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SC3650 Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  2SC3650 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. 2SC3650 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Transistors
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
• High DC current gain.
•Low collector-to-emitter saturation voltage.
•Large current capacity.
•Very small size making it easy to provide
high- Density,small-sized hybrid IC S
Marking: CF
Maximum Ratings (Ta=25
unless otherwise noted)
Parameter
Symbol
Value
Unit
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
15
V
Collector Current -Continuous
IC
1.2
A
Collector Power dissipation
PC
0.5
W
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55to +150
ELECTRICAL CHARACTERISTICS ( @ Ta=25
unless otherwise specified)
Parameter
Symbol
Test conditions
Min
Typ
Max
Unit
Collector-base
breakdown
voltage
VCBO
IC=10uA,IE=0
30
V
Collector-emitter
breakdown
voltage
VCEO
IC=1mA,IB=0
25
V
Emitter-base
breakdown
voltage
VEBO
IE=10uA,IC=0
15
V
Collector
cut-off
current
ICBO
VCB=20V,IE=0
0.1
μA
Emitter
cut-off
current
IEBO
VEB=10V,IC=0
0.1
μA
DC current
gain
hFE
VCE=5V,IC=500mA
800
1500
3200
Collector-emitter
saturation
voltage
VCE(sat)
IC=0.5A,
IB=0.01A
0.12
0.5
V
Base-emitter
saturation
voltage
VBE(sat)
IC=0.5A,
IB=0.01A
0.85
1.2
V
Transition
frequency
fT
VCE=10V,Ic=50mA
220
MHz
Collector
output
capacitance
Cob
VCB=10V,IE=0,f=1MHz
17
pF
2SC3650 (NPN)
1. BASE
2. COLLECTO
SOT-89
3. EMITTER


Similar Part No. - 2SC3650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3650 SANYO-2SC3650 Datasheet
91Kb / 3P
High-hFE, Low-Frequency General-Purpose Amp Applications???????
logo
Guangdong Kexin Industr...
2SC3650 KEXIN-2SC3650 Datasheet
50Kb / 1P
NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC3650 SECOS-2SC3650 Datasheet
220Kb / 3P
NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3650 HTSEMI-2SC3650 Datasheet
368Kb / 1P
TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC3650 WINNERJOIN-2SC3650 Datasheet
126Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - 2SC3650

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com