Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFPCAGE005-L Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # SFPCAGE005-L
Description  Pulse Connectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

SFPCAGE005-L Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  SFPCAGE005-L Datasheet HTML 1Page - Pulse A Technitrol Company SFPCAGE005-L Datasheet HTML 2Page - Pulse A Technitrol Company SFPCAGE005-L Datasheet HTML 3Page - Pulse A Technitrol Company SFPCAGE005-L Datasheet HTML 4Page - Pulse A Technitrol Company SFPCAGE005-L Datasheet HTML 5Page - Pulse A Technitrol Company SFPCAGE005-L Datasheet HTML 6Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
44
www.pulseeng.com
G003.U (2/07)
CONNECTOR PRODUCTS
RJ Connectors, Single Port Side Entry, Through Hole (THT)
Part Number
E5344-000012-L
E5564-60L122-L
E5388-E00212-L
E5908-000042-L
E5908-150742-L
Number of Positions
4
6
8
10
10
Number of Contacts
4
4
8
8
8
Tab
Down
Up
Down
Down
Down
Shield Option
No Shield
No Shield
No Shield
No Shield
Nickel Shield
Contact Mating
Gold 6 µ"
Gold 6 µ"
Gold 6 µ"
Gold 6 µ"
Gold 6 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
230°C to 240°C
230 to 240°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
RJ Connectors, Multi-Port, 1XN, Side Entry, Through Hole (THT)
Part Number
E5608-00A0R4-L
E5608-00C082-L
E5908-15C344-L
E5908-15G642-L
Number of Positions
10
10
10
10
Number of Contacts
8
8
8
8
Number of Ports
1X2
1X4
1X4
1X8
Tab
Down
Down
Down
Down
Shield Option
No Shield
No Shield
Nickel Shield
Nickel Shield
Contact Mating
Gold 30 µ"
Gold 6 µ"
Gold 30 µ"
Gold 6 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
230 to 240°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
RJ Connectors, Multi-Port, 2XN, Side Entry, Through Hole (THT)
Part Number
E5908-5V0145-L
E5908-5VA144-L
E5966-57C122-L
E5908-5VC153-L
E5908-0TG0U4-L
Number of Positions
10
10
6
10
10
Number of Contacts
8
8
6
8
8
Number of Ports
2X1
2X2
2X4
2X4
2X8
Shield Option
Nickel Shield
No Shield
Nickel Shield
Nickel Shield
No Shield
Contact Mating
Gold 50 µ"
Gold 30 µ"
Gold 6 µ"
Gold 15 µ"
Gold 30 µ"
Area Plating
Solder Temperature
230°C to 240°C
230°C to 240°C
230°C to 240°C
255°C to 265°C
230°C to 240°C
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
5-10 Seconds
SMT - Surface Mount Package
THT - Through Hole Package
Connector Products



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com