Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPSCWCPOO Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # GPSCWCPOO
Description  ANTENNAS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

GPSCWCPOO Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  GPSCWCPOO Datasheet HTML 1Page - Pulse A Technitrol Company GPSCWCPOO Datasheet HTML 2Page - Pulse A Technitrol Company GPSCWCPOO Datasheet HTML 3Page - Pulse A Technitrol Company GPSCWCPOO Datasheet HTML 4Page - Pulse A Technitrol Company GPSCWCPOO Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Helical Antennas
Ceramic Antennas
Internal and
Surface Mount
Antenna Solutions
Pulse offers a wide range of standardized internal and surface mount antennas (SMD) for wireless device applications. Pulse’s ceramic
technology results in robust antenna designs that have outstanding performance. These antennas have an inherent immunity to
surrounding antenna signals and hand-effect, making them exceptionally suitable solutions for small hand-held devices with multiple
antennas. Pulse's helical antenna technology provides high-performance antennas in a small package that can be easily deployed. These
ceramic and helical antennas require minimal ground plane removal for operation, which means saved board space and economical
implementation. The SMD compatibility of Pulse’s antenna products makes them simple and easy to mount.
ANTENNAS FOR WIRELESS DEVICES
(continued)
Surface Mount Antennas for Wireless Devices 1, 2
Part
Application/Type
Antenna
Mount Type/
Frequency
RHCP Gain 5
Max Gain
Efficiency
Return
Number
Size 4
GC 3 Area
Range (MHz)
(dBic)
(dBi)
(%/dB)
Loss (dB)
2,7 (peak)
64/-1,9 (peak)
W3006
WLAN, Dualband
10.0x3.2x1.5
SMD
2400-2483.5
⎯
2,2 (band edges)
62/-2,0 (band edges)
-8
Ceramic
11.00x6.00
5150-5850
4,1 (peak)
68/-1,7 (peak)
3,0 (band edges)
57/-2,4 (band edges)
W3008
Bluetooth ®
3.2x1.6x1.1
SMD
2400-2483.5
⎯
1,7 (peak)
70/-1,6 (peak)
-8
Ceramic
4.00x4.25
0,7 (band edges)
55/-2,6 (band edges)
Bluetooth/
SMD
2,2 (peak)
75/-1,3 (peak)
W3008
WiFi TM/WLAN
3.2x1.6x1.1
4.00x6.25
2400-2483.5
⎯
1,9 (band edges)
70/-1,6 (band edges)
-11
Ceramic
W3010
GPS
10.0X3.2x2.0
SMD
1575.42
-0,2 (peak)
2,8 (peak)
75/-1,25 (peak)
-18
Ceramic
10.60X6.25
±10
-0,7 (band edges)
2,3 (band edges)
70/-1,55 (band edges)
W3017
Satellite Radio
3.2x1.6x1.1
SMD
2320-2345
⎯
2,7 (peak)
75/-1,2 (peak)
-10
Ceramic
4.00x4.25
-2,5 (band edges)
70/-1,55 (band edges)
W3020
WiMAX
3.2x1.6x1.1
SMD
2500-2690
⎯
3 (peak)
8/-1 (peak)
-5.5
Ceramic
4.00x6.25
0,3 (band edges)
50/-3 (band edges)
W3108
WiFi
5.0x2.5x5.5
SMD
2400-2483.5
⎯
1,5
50/-3
-8
Helical
7.50X5.50
W3110
GPS
5.0x2.5x5.5
SMD
1575.42
-0,9 (peak)
1,3 (peak)
47/-3,2 (peak)
-9
Helical
7.50x5.50
±10
-1,1 (band edges)
1,2 (band edges)
45/-3,5 (band edges)
W3112
ISM900
2.5x8.0x8.0
SMD
902-928
⎯
0,9 (peak)
67/-1,7 (peak)
-10
Helical
6.00x11.00
-0,3 (band edges)
50/-3 (band edges)
W3113
ISM900
12.4x8.0x2.5
SMD
902-928
⎯
0,8 (peak)
66/-1,8 (peak)
-10
Helical
8.00x40.00
-0,3 (band edges)
51/-2,9 (band edges)
W3018
DMB-S
3.2x1.6x1.1
SMD
2605-2655
⎯
3 (peak)
85/-0,7 (peak)
-10
Ceramic
4.00x4.25
2,5 (band edges
80/-1 (band edges)
W3024
MediaFLO TM
10x3.2x4
SMD
716-722
⎯
2 (peak)
75/-1,25 (peak)
-8
Ceramic
10.60x10.25
1,5 (band edges
70/-1,55 (band edges)
W3510
DVB-H EU
45x7x6
Clearance to
470-750
⎯
-9 @ 470 MHz
⎯
-3
Planar
ground 7mm
-6 @ 750 MHZ
1. All antennas are RoHS Compliant.
2. Impedance 50
Ω, operating temperature -40°C to +85°C
3. GC = Ground Clearance, mm
4. Millimeters (mm)
5.
⎯
⎯ = NA
ANTENNAS
G003.U (2/07)
www.pulseeng.com
23
Antennas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com