Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTL1553-3 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # DTL1553-3
Description  MILITARY/AEROSPACE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

DTL1553-3 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  DTL1553-3 Datasheet HTML 1Page - Pulse A Technitrol Company DTL1553-3 Datasheet HTML 2Page - Pulse A Technitrol Company DTL1553-3 Datasheet HTML 3Page - Pulse A Technitrol Company DTL1553-3 Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
64
www.pulseeng.com
G003.U (2/07)
Non-QPL, Low Profile and Stacked 1
Part 2
Turns Ratio
Impedance
Package
*
Data
Number
(±3%)
(
Ω MIN)
L/W/H (in.)
Sheet
Part 2
Turns Ratio
Impedance
Package
*
Data
Number
(±3%)
(
Ω MIN)
L/W/H (in.)
Sheet
FL1553-1
1CT:1CT/1CT:.707CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
GL1553-1
1CT:1CT/1CT:.707CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
TL1553-1
1CT:1CT/1CT:.707CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
FL1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .155
NQPLC2 2, 3
GL1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .155
NQPLC2 2, 3
TL1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .155
NQPLC2 2, 3
FL1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
GL1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
TL1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
FL1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
GL1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
TL1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
FL1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
GL1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
TL1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .155
NQPLC2 2, 3
DFL1553-1
1CT:1CT/1CT:.707CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DGL1553-1
1CT:1CT/1CT:.707CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DTL1553-1
1CT:1CT/1CT:.707CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DFL1553-2
1.4CT:1CT/2CT:1CT
7,200
.930 / .630 / .155
NQPLC2 2, 3
DGL1553-2
1.4CT:1CT/2CT:1CT
7,200
.930 / .630 / .155
NQPLC2 2, 3
DTL1553-2
1.4CT:1CT/2CT:1CT
7,200
.930 / .630 / .155
NQPLC2 2, 3
DFL1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DGL1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DTL1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DFL1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DGL1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DTL1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DFL1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DGL1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
DTL1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.930 / .630 / .155
NQPLC2 2, 3
STQ1553-1
1CT:1CT/1CT:.707CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
STQ1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .340
NQPLC2 2, 3
STQ1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
STQ1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
STQ1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SFQ1553-1
1CT:1CT/1CT:.707CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SGQ1553-1
1CT:1CT/1CT:.707CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SFQ1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .340
NQPLC2 2, 3
SGQ1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .340
NQPLC2 2, 3
SFQ1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SGQ1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SFQ1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SGQ1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SFQ1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SGQ1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .340
NQPLC2 2, 3
SLQG1553-1
1CT:1CT/1.4CT:1CT
4,000
.630 / .630 / .280
M104 2
SLQG1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .280
M104 2
SLQG1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .280
M104 2
SLQG1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .280
M104 2
SLQG1553-45 1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .280
M104 2
SLQT1553-1
1CT:1CT/1.4CT:1CT
4,000
.630 / .630 / .280
M104 2
SLQT1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .280
M104 2
SLQT1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .280
M104 2
SLQT1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .280
M104 2
SLQT1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .280
M104 2
SLQF1553-1
1CT:1CT/1.4CT:1CT
4,000
.630 / .630 / .280
M104 2
SLQF1553-2
1.4CT:1CT/2CT:1CT
7,200
.630 / .630 / .280
M104 2
SLQF1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.630 / .630 / .280
M104 2
SLQF1553-5
1CT:2.12CT/1CT:1.5CT
4,000
.630 / .630 / .280
M104 2
SLQF1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.630 / .630 / .280
M104 2
1. Designed and built to conform to MIL-PRF-21038/27
2. Web: http://www.pulseeng.com/products/datasheets/N_QPL_Cat2_links.pdf
or M104.pdf
3. Prefix / Operating Temperature : xxxC1553-xx / 0°C to +70°C ; xxxN1553-xx /
-40°C to +85°C; xxx1553-xx / -55°C to +125°C
MIL-STD-1553
x1553-1
1CT:1CT/1CT:.707CT
4,000
.625 / .625 / .250
NQPLC2
x1553-2
1.4CT:1CT/2CT:1CT
7,200
.625 / .625 / .250
NQPLC2
x1553-3
1.25CT:1CT/1.66CT:1CT
4,000
.625 / .625 / .250
NQPLC2
x1553-5
1CT:2.12CT/1.5CT:1CT
4,000
.625 / .625 / .250
NQPLC2
x1553-45
1CT:2.5CT/1CT:1.79CT
4,000
.625 / .625 / .250
NQPLC2
1. Designed and built to conform to MIL-PRF-21038/27
2. Prefix / Operating Temperature: C / 0°Cto +70°C; N / -40°C to +85°C;
TQ / -55°C to +125°C
3. Web: http://www.pulseeng.com/pdf/N_QPL_Cat2_links.pdf
Interface Transformers: COTS Series 1
Part 2
Turns Ratio
Impedance
Package
*
Data 3
Number
(±3%)
(W MIN)
(L/W/H) in.
Sheet
SMG1553-60
1.25CT:1CT
4,000
.400 / .400 / .185
M112
SMG1553-61
1.66CT:1CT
4,000
.400 / .400 / .185
M112
SMG1553-62
1.41CT:1CT
7,200
.400 / .400 / .185
M112
SMG1553-63
2CT:1CT
7,200
.400 / .400 / .185
M112
SMG1553-65
1CT:1.79CT
4,000
.400 / .400 / .185
M112
SMG1553-66
1CT:2.7CT
4,000
.400 / .400 / .185
M112
Interface Transformers - Low Profile Miniature Series
Part
Turns Ratio
Impedance
Package
*
Data
Number
(±3%)
(
Ω MIN)
(L/W/H) in.
Sheet
MILITARY/AEROSPACE PRODUCTS
1000B-5001
1CT:1CT
T, C, S
T, C, S
24-pin SOIC
.695 / .635 / .230
M106
Single
1000B-5001X
1CT:1CT
T, C, S
T, C, S
24-pin SOIC
.695 / .635 / .230
M106
1000B-5002
1CT:1CT
T, C, S
T, C, S
24-pin SOIC
.695 / .635 / .230
M106
1000B-5002X
1CT:1CT
T, C, S
T, C, S
24-pin SOIC
.695 / .635 / .230
M106
Dual
1000B-5003
1CT:1CT
T, C
T, C
50-pin SOIC 2
1.095 / .430 / .340
M106
1000B-5003X
1CT:1CT
T, C
T, C
50-pin SOIC 2
1.095 / .430 / .340
M106
1. Web: http://www.pulseeng.com/products/datasheets/M106.pdf
2. 0.99mm (.039") pitch leads
3. T = Transformer, C = Choke, S = Shunt inductor, SMT = 50 mil pitch leads, SOIC = 100 mil pitch leads
Gigabit
Number
Part
Turns
Configuration 3
Package
Data
of Ports
Number
Ratio
RX
TX
Style
Size L/W/H (in.)
Sheet 1
MILITARY/AEROSPACE ETHERNET/AFDX
(continued)
*Mounting: FP = Flat Pack TH = Through Hole SM = Surface Mount
Military/Aerospace Products



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com