Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE-0603CDR10KTT Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # PE-0603CDR10KTT
Description  RF CHIP INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-0603CDR10KTT Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  PE-0603CDR10KTT Datasheet HTML 1Page - Pulse A Technitrol Company PE-0603CDR10KTT Datasheet HTML 2Page - Pulse A Technitrol Company PE-0603CDR10KTT Datasheet HTML 3Page - Pulse A Technitrol Company PE-0603CDR10KTT Datasheet HTML 4Page - Pulse A Technitrol Company PE-0603CDR10KTT Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
G003.U (2/07)
www.pulseeng.com
13
GENERAL INFORMATION & SAMPLE KITS
1
0402CD
0402 (1005)
3000
PE-0402CDKIT-T
WC701
0603CD
0603 (1608)
2000
PE-0603CDKIT-T
WC701
0805CD
0805 (2012)
2000
PE-0805CDKIT-T
WC701
1008CD
1008 (2520)
1600
PE-1008CDKIT-T
WC701
1. When ordering, specify the adjacent sample kit number.
Inductor
Standard
Sold as
Sample Kit
Data
Series
Size Format
Parts/Reel
Number
Sheet
ALTERNATIVE INDUCTANCE & Q vs. FREQUENCY, HIGH SIDE METALLIZATION
Part
Inductance
Optional
Q
SRF
RDC
IDC
Number*
(nH)
Tolerance
(MIN)
(mHz MIN) (
Ω MAX)(mA MAX)
Part
Inductance
Optional
Q
SRF
RDC
IDC
Number*
(nH)
Tolerance
(MIN)
(mHz MIN) (
Ω MAX)(mA MAX)
1008CQ Series
PE-1008CQ3N0KTT
3.0 @ 50 MHz
±5% (J) 70 @ 1500 MHz
6000
0.04
1600
PE-1008CQ4N1KTT
4.1 @ 50 MHz
±5% (J) 75 @ 1500 MHz
6000
0.05
1600
PE-1008CQ7N8KTT
7.8 @ 50 MHz
±5% (J) 75 @ 1500 MHz
3800
0.05
1600
PE-1008CQ100KTT
10 @ 50 MHz
±5% (J) 60 @ 500 MHz
3600
0.06
1600
PE-1008CQ120KTT
12 @ 50 MHz
±5% (J) 70 @ 500 MHz
2800
0.06
1500
PE-1008CQ180KTT
18 @ 50 MHz
±5% (J) 62 @ 350 MHz
2700
0.07
1400
PE-1008CQ220KTT
22 @ 50 MHz
±5% (J) 62 @ 350 MHz
2050
0.07
1400
PE-1008CQ330KTT
33 @ 50 MHz
±5% (J) 75 @ 350 MHz
1700
0.09
1300
PE-1008CQ390KTT
39 @ 50 MHz
±5% (J) 75 @ 350 MHz
1300
0.09
1300
PE-1008CQ470KTT
47 @ 50 MHz
±5% (J) 75 @ 350 MHz
1450
0.12
1200
PE-1008CQ560KTT
56 @ 50 MHz
±5% (J) 75 @ 350 MHz
1230
0.12
1200
1008CQ Series
(continued)
PE-1008CQ680KTT
68 @ 50 MHz
±5% (J) 80 @ 350 MHz
1150
0.13
1100
PE-1008CQ820KTT
82 @ 50 MHz
±5% (J) 80 @ 350 MHz
1060
0.16
1100
PE-1008CQ101KTT
100 @ 50 MHz
±5% (J) 62 @ 350 MHz
820
0.16
1000
PE-1008CQ121KTT
120 @ 50 MHz
±5% (J) 62 @ 350 MHz
800
0.17
1000
PE-1008CQ151KTT
150 @ 50 MHz
±5% (J) 60 @ 350 MHz
750
0.21
950
PE-1008CQ181KTT
180 @ 50 MHz
±5% (J) 40 @ 350 MHz
720
0.23
920
PE-1008CQ221KTT
220 @ 50 MHz
±5% (J) 35 @ 350 MHz
680
0.29
900
PE-1008CQ271K TT
270 @ 50 MHz
±5% (J) 35 @ 350 MHz
600
0.55
600
PE-1008CQ331KTT
330 @ 50 MHz
±5% (J) 35 @ 100 MHz
550
0.60
550
PE-1008CQ391KTT
390 @ 50 MHz
±5% (J) 35 @ 350 MHz
500
0.82
470
INDUCTANCE (nH)
Representative of the
inductance value
TOLERANCE
G =±2%
J =±5%
K =±10%
M = ±20%
*TERMINATION
T = Tin or Gold plating
G= Gold plating only
S = Tin plating only
CORE MATERIAL
C = Ceramic (Alumina)
CD = Standard Range
CM = High Side Metallization
CQ = High Q
F = Ferrite
(0402, 0603, 0805,1008,
1210 or 1206)
PACKAGING
T = Tape & Reel (7 or 13 reel)
SIZE
QTY/REEL
0402
3000 pieces
0603
2000 pieces
0805
2000 pieces
1008
1600 pieces
1210
2000 pieces
1206
3000 pieces
PART NUMBER ORDERING GUIDE
1
1. To order directly from Pulse, see the addresses and telephone numbers on the back cover of this catalog.
Locate an authorized distributor or representative by going to the Pulse website.
Surface Mount
*NOTE: Referenced part is Standard Tolerance, 10% (K). To order parts with optional tolerances, see the Part Number Ordering Guide below.
RF Chip Inductors
RF CHIP INDUCTORS



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com