Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

86115D Datasheet(PDF) 2 Page - Keysight Technologies

Part # 86115D
Description  Keysight 86105D (86115D) Option 281 (282) Plug-in Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEYSIGHT [Keysight Technologies]
Direct Link  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

86115D Datasheet(HTML) 2 Page - Keysight Technologies

  86115D Datasheet HTML 1Page - Keysight Technologies 86115D Datasheet HTML 2Page - Keysight Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Keysight | 86105D (86115D) Option 281 (282) Plug-in Module – Product Fact Sheet
This information is subject to change without notice.
© Keysight Technologies, 2013 - 2014
Published in USA, August 3, 2014
5991-2928EN
www.keysight.com
The key to accurate and consistent optical waveform measure-
ments is a well-controlled frequency response. Both the photo-
detector and the entire signal path from the optical connector to
the electrical sampler must be designed as a system to achieve
the fourth-order Bessel-Thomson response typically required
by industry standards. The standard 86105D (86115D) is able
to provide reference receiver performance at 8.5, 9.95, 10.3,
10.5, 11.1, 11.3, and 14.025 Gb/s rates. Option 281 (282) uses a
different photodetector and electrical sampler than the standard
product, enabling it to achieve a reference receiver response for
14.0251, 25.78 Gb/s and 28.05 Gb/s transmission rates. Option
281 and 282 do not allow the module to have hardware refer-
ence receivers for rates from 8.5 to 11.3 Gb/s. Option 281/282
plus option IRC allows software filtering to provide reference
receiver performance at any rate from 8 Gb/s to 42 Gb/s.
Pattern lengths are restricted to PRBS 16 or shorter.
86105D (86115D) filter rate options in Gb/s
8.5
9.95 10.31
10.51
10.66 10.71
11.10
11.32
14.03
25.78 28.05
Standard product
*
*
*
*
*
*
*
*
*
Option 100 (102)
*
*
*
*
*
*
*
*
Option 200 (142)
*
Option 281 (282)
*
1
*
*
Configuring a system
A complete system requires an 86100C or 86100D mainframe
and 86105D plug-in module. For low jitter signals, an 86107A
precision timebase module can reduce the residual jitter of the
test system to ~ 100 fs. A synchronous trigger is required, which
can be provided by a pattern generator clock or extracted from
the signal being observed through the N1070A clock recovery
solution.
86100D/86107A/86105D
86100D/86107A/86105D + N1070
The 86100 family of plug-in modules
The 86100 sampling oscilloscope system has a variety of plug-in
modules to provide the ideal bandwidth and number of channels
(up to 16) required for your testing needs:
1. Reference receiver capability for 14.025 Gb/s will be optional. A general purpose 15 Gb/s filter is available with all option 281 (282) modules. While
not guaranteed to meet reference receiver tolerances for 16x Fibre Channel, the response of the 15 Gb/s filter will provide results nearly identical to
those achieved with a compliant receiver. Contact Agilent for details
www.keysight.com/find/86105d
Three-Year Warranty
www.keysight.com/find/ThreeYearWarranty
Keysight’s commitment to superior product quality and lower total cost
of ownership. The only test and measurement company with three-year
warranty standard on all instruments, worldwide.
Model
Description
86105C Optical and electrical channels. Low noise, highest
flexibility with reference receivers from 155 Mb/s to
11.3 Gb/s. Single-mode and multimode compatible
86105D Optical and electrical channels. High fidelity, refer-
ence receivers from 8.5 to 28.05 Gb/s. Single-mode
and multimode compatible
86115D Dual or quad optical channels. High fidelity, refer-
ence receivers from 8.5 to 28.05 Gb/s. Single-mode
and multimode compatible
86116C Optical and electrical channels. Single-mode only,
reference receivers for 25.78 and 28.05 Gb/s or 39,
41, and 43 Gb/s
86108B Dual electrical channels to 50 GHz, integrated clock
recovery, integrated precision timebase
86112A Dual electrical channels to 30 GHz
86117A Dual electrical channels to 50 GHz
86118A Dual electrical channels in remote sampling heads
to 70 GHz
N1045A Dual or quad electrical channels in mini-module
form factor, remote sampling heads to 60 GHz
(allows up to 16 channels in a single mainframe)
54754A Dual electrical channels to 18 GHz, internal step
generators for time-domain reflectometry
See 86100D data sheet, literature number 5990-5824EN for
detailed technical information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com