Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF147 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF147
Description  Wide Bandwidth Quad JFET Input Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF147 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF147 Datasheet HTML 1Page - National Semiconductor (TI) LF147 Datasheet HTML 2Page - National Semiconductor (TI) LF147 Datasheet HTML 3Page - National Semiconductor (TI) LF147 Datasheet HTML 4Page - National Semiconductor (TI) LF147 Datasheet HTML 5Page - National Semiconductor (TI) LF147 Datasheet HTML 6Page - National Semiconductor (TI) LF147 Datasheet HTML 7Page - National Semiconductor (TI) LF147 Datasheet HTML 8Page - National Semiconductor (TI) LF147 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AC Electrical Characteristics (Note 7)
Symbol
Parameter
Conditions
LF147
LF347B
LF347
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Amplifier to Amplifier Coupling
TA=25˚C,
−120
−120
−120
dB
f=1 Hz−20 kHz
(Input Referred)
SR
Slew Rate
VS=±15V, TA=25˚C
8
13
8
13
8
13
V/µs
GBW
Gain-Bandwidth Product
VS=±15V, TA=25˚C
2.2
4
2.2
4
2.2
4
MHz
en
Equivalent Input Noise Voltage
TA=25˚C, RS=100Ω,
202020
f=1000 Hz
in
Equivalent Input Noise Current
Tj=25˚C, f=1000 Hz
0.01
0.01
0.01
Note 2: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits.
Note 3: Unless otherwise specified the absolute maximum negative input voltage is equal to the negative power supply voltage.
Note 4: Any of the amplifier outputs can be shorted to ground indefinitely, however, more than one should not be simultaneously shorted as the maximum junction
temperature will be exceeded.
Note 5: For operating at elevated temperature, these devices must be derated based on a thermal resistance of
θjA.
Note 6: The LF147 is available in the military temperature range −55˚C
≤TA≤125˚C, while the LF347B and the LF347 are available in the commercial temperature
range 0˚C
≤TA≤70˚C. Junction temperature can rise to Tj max = 150˚C.
Note 7: Unless otherwise specified the specifications apply over the full temperature range and for VS=±20V for the LF147 and for VS=±15V for the LF347B/LF347.
VOS,IB, and IOS are measured at VCM=0.
Note 8: The input bias currents are junction leakage currents which approximately double for every 10˚C increase in the junction temperature, Tj. Due to limited pro-
duction test time, the input bias currents measured are correlated to junction temperature. In normal operation the junction temperature rises above the ambient tem-
perature as a result of internal power dissipation, PD.Tj=TAjA PD where θjA is the thermal resistance from junction to ambient. Use of a heat sink is recommended
if input bias current is to be kept to a minimum.
Note 9: Supply voltage rejection ratio is measured for both supply magnitudes increasing or decreasing simultaneously in accordance with common practice from
VS = ± 5V to ±15V for the LF347 and LF347B and from VS = ±20V to ±5V for the LF147.
Note 10: Refer to RETS147X for LF147D and LF147J military specifications.
Note 11: Max. Power Dissipation is defined by the package characteristics. Operating the part near the Max. Power Dissipation may cause the part to operate out-
side guaranteed limits.
Note 12: Human body model, 1.5 k
Ω in series with 100 pF.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com