Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T1208 Datasheet(PDF) 5 Page - Pulse A Technitrol Company

Part # T1208
Description  TRANSFORMERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T1208 Datasheet(HTML) 5 Page - Pulse A Technitrol Company

  T1208 Datasheet HTML 1Page - Pulse A Technitrol Company T1208 Datasheet HTML 2Page - Pulse A Technitrol Company T1208 Datasheet HTML 3Page - Pulse A Technitrol Company T1208 Datasheet HTML 4Page - Pulse A Technitrol Company T1208 Datasheet HTML 5Page - Pulse A Technitrol Company T1208 Datasheet HTML 6Page - Pulse A Technitrol Company T1208 Datasheet HTML 7Page - Pulse A Technitrol Company T1208 Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
18
www.pulseeng.com
G003.U (2/07)
THT
SMT
THT
SMT
Alcatel (Microelectronics)
MTC20276
—
T4043
—
—
—
—
AKM
AK5204
T4022
—
—
—
—
—
Infineon Technologies (Siemens)
PEB 2091
PT5031
T4031
PE-65575
T4002
—
PE-68669
PEB 8091/8191
—
T4031
PE-65575
T4002
—
PE-68669
PEB 2090/20901
—
T4067
PE-65578
—
—
—
PEB 24902/11
—
T4031
PE-65575
T4002
—
PE-68669
PSB 21910/11
—
T4031
PE-65575
T4002
—
PE-68669
PEB 2491
—
T4032
—
—
—
—
PEB 20901
—
T4067
PE-65578
—
—
—
PEB 2095
—
—
—
—
—
—
PSB 2196
—
—
—
—
—
—
Lucent Technologies
T7234
PT4084
—
T4008
—
—
—
Motorola
MC145472
—
—
PE-65579
—
—
—
MC145572
PT5062
T4033
PE-68628 1
T40012 PE-68668
—
National Semiconductor
TP3410
PT5065
—
PE-65583
—
PE-68631
—
—
—
PE-65584
T4004
—
—
Thomson
SD 5411
—
—
PE-65581
T4006
PE-68631
—
1. Small package for North American applications available.
See T618 data sheet.
2. Suitable for use in North America only.
ISDN U-Interface
IC Manufacturer/
Recommended Transformer
IC Part Number
1.5 kV
2 kV
2.5 kV
3 kV
IC CROSS REFERENCE
ISDN S-Interface
IC Manufacturer/
Dual SMT
Single THT
Dual THT
Dual SMT Module
THT Module w/
Single THT
Dual SMT
PCMCIA
Part Number
1.5kVRMS
Choke 1.5kVRMS
3kVRMS
3kVRMS
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
TX & RX
Alcatel (Microelectronics)
MTC2072, MTC20172
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
MTC20276/77
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
AMD
AM79C30/32
PE-65799/T5006 L P
PE-64999
PE-65499
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Cologne Chip Design
HFC-SXX
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68999/T5035
T5042
T5003
Infineon Technologies (Siemens)
PEB2080/81/84/85/86
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
PSB2115/86
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
PSB21381/82/83/84
PE-65793/T5008 LP/ST5048
PE-64993
PE-65493
T5049
T5011
PE-68993
—
T5002
PEB3018/86,PSB3186
PE-65793/T5008 LP/ST5048
PE-64993
PE-65493
T5049
T5011
PE-68993
—
T5002
PEB8090/91, PEB8190/91
—
—
—
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
—
Intel
29C53
PE-65795/T5010 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Lucent Technologies
T7234, T7254
PE-65798/T5005 LP
PE-64998
PE-65498
T5037/T5039
T5013
PE-68998
T5043
T5004
T7250/56/59
PE-65798/T5005 LP
PE-64998
PE-65498
T5037/T5039
T5013
PE-68998
T5043
T5004
T7901/03
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Mitel
MT8930/31
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Motorola
MC145474/475
PE-65793/T5008 LP/ST5048
PE-64993
PE-65493
T5049
T5011
PE-68993
—
T5002
MC145574
PE-65798/T5005 LP
PE-64998
PE-65498
T5037/T5039
T5013
PE-68998
T5043
T5004
National Semiconductor
TP3420/21
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
SGS Thomson
ST5420/21
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
Yamaha
7405B, YTD421
PE-65795/T5007 LP/ST5069
PE-64995
PE-65495
T5034/T5038/ST5201
T5015/T5012
PE-68995/T5035
T5042
T5003
NOTE: LP = Low Profile
Echelon® & Digital Audio
DDS/Switched 56
SONET/SDH (STM-1/E4/CMI) DUAL TRANSFORMERS
Echelon ®
3120™ 1.25 Mbps
PE-65848
PE-65948
3150™ 1.25 Mbps
PE-65848
PE-65948
AKM
AK4101
PE-65812
PE-65612
AK4102
PE-65812
PE-65612
AK4103
PE-65812
PE-65612
Cirrus Logic
CS8401/2/3/4
PE-65812
PE-65612
CS8405/8415
PE-65812
PE-65612
CS8413/14/27
PE-65812
PE-65612
CS8406/8416
—
T6074/T6075
Realtek
ALS300+
PE-65812
PE-65612
IC Manufacturer
IC Part Number
Single
SMT
THT
IC Manufacturer
IC Part Number
Recommended Transformer
Dual SMT
Intel
LXT 441
T7002
Intel
LXT 441
T7006
IC Manufacturer
IC Part Number
Recommended Transformer
Single SMT
AMCC
S3015, S3016, S3031B
A7802
Intel
LXT6155
ST6200QNL
*L/W/H is measured on surface mount parts tip to tip (height includes wash area).
SMT - Surface Mount Package
THT - Through Hole Package
TELECOM IC CROSS REFERENCE
Telecom IC Cross Reference



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com