Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF347M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LF347M
Description  Wide Bandwidth Quad JFET Input Operational Amplifiers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF347M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LF347M Datasheet HTML 3Page - National Semiconductor (TI) LF347M Datasheet HTML 4Page - National Semiconductor (TI) LF347M Datasheet HTML 5Page - National Semiconductor (TI) LF347M Datasheet HTML 6Page - National Semiconductor (TI) LF347M Datasheet HTML 7Page - National Semiconductor (TI) LF347M Datasheet HTML 8Page - National Semiconductor (TI) LF347M Datasheet HTML 9Page - National Semiconductor (TI) LF347M Datasheet HTML 10Page - National Semiconductor (TI) LF347M Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Pulse Response R
L=2kΩ,CL=10 pF
Application Hints
The LF147 is an op amp with an internally trimmed input off-
set voltage and JFET input devices (BI-FET II). These JFETs
have large reverse breakdown voltages from gate to source
and drain eliminating the need for clamps across the inputs.
Therefore, large differential input voltages can easily be ac-
commodated without a large increase in input current. The
maximum differential input voltage is independent of the sup-
ply voltages. However, neither of the input voltages should
be allowed to exceed the negative supply as this will cause
large currents to flow which can result in a destroyed unit.
Exceeding the negative common-mode limit on either input
will force the output to a high state, potentially causing a re-
versal of phase to the output. Exceeding the negative
common-mode limit on both inputs will force the amplifier
output to a high state. In neither case does a latch occur
since raising the input back within the common-mode range
again puts the input stage and thus the amplifier in a normal
operating mode.
Small Signal Inverting
DS005647-4
Small Signal Non-Inverting
DS005647-5
Large Signal Inverting
DS005647-6
Large Signal Non-Inverting
DS005647-7
Current Limit (R
L=100Ω)
DS005647-8
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com