Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC74 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LVC74
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH CLEAR AND PRESET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC74 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC74 Datasheet HTML 1Page - Texas Instruments SN74LVC74 Datasheet HTML 2Page - Texas Instruments SN74LVC74 Datasheet HTML 3Page - Texas Instruments SN74LVC74 Datasheet HTML 4Page - Texas Instruments SN74LVC74 Datasheet HTML 5Page - Texas Instruments SN74LVC74 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SN74LVC74
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
WITH CLEAR AND PRESET
SCAS287B – JANUARY 1993 – REVISED JULY 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (see Note 4)
MIN
MAX
UNIT
VCC
Supply voltage
Operating
2
3.6
V
VCC
Supply voltage
Data retention only
1.5
V
VIH
High-level input voltage
VCC = 2.7 V to 3.6 V
2
V
VIL
Low-level input voltage
VCC = 2.7 V to 3.6 V
0.8
V
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
IOH
High level output current
VCC = 2.7 V
–12
mA
IOH
High-level output current
VCC = 3 V
–24
mA
IOL
Low level output current
VCC = 2.7 V
12
mA
IOL
Low-level output current
VCC = 3 V
24
mA
∆t/∆v
Input transition rise or fall rate
0
10
ns / V
TA
Operating free-air temperature
–40
85
°C
NOTE 4: Unused inputs must be held high or low to prevent them from floating.
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC†
MIN
TYP‡
MAX
UNIT
IOH = – 100 µA
MIN to MAX
VCC – 0.2
VOH
IOH =12 mA
2.7 V
2.2
V
VOH
IOH = – 12 mA
3 V
2.4
V
IOH = – 24 mA
3 V
2.2
IOL = 100 µA
MIN to MAX
0.2
VOL
IOL = 12 mA
2.7 V
0.4
V
IOL = 24 mA
3 V
0.55
II
VI = 5.5 V or GND
3.6 V
±5
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
10
µA
nICC
One input at VCC – 0.6 V,
Other inputs at VCC or GND
2.7 V to 3.6 V
500
µA
Ci
VI = VCC or GND
3.3 V
5
pF
† For conditions shown as MIN or MAX, use the appropriate values under recommended operating conditions.
‡ All typical values are at VCC = 3.3 V, TA = 25°C.
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
VCC = 3.3 V
± 0.3 V
VCC = 2.7 V
UNIT
MIN
MAX
MIN
MAX
fclock
Clock frequency
0
100
0
83
MHz
t
Pulse duration
PRE or CLR low
4
5
ns
tw
Pulse duration
CLK high or low
5
6
ns
t
Setup time before CLK
↑
Data
3
4
ns
tsu
Setup time before CLK
↑
PRE or CLR inactive
2
3
ns
th
Hold time, data after CLK
↑
1
2
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com