Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1663R Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AL1663R
Description  SINGLE STAGE DIMMABLE LED CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1663R Datasheet(HTML) 5 Page - Diodes Incorporated

  AL1663R Datasheet HTML 1Page - Diodes Incorporated AL1663R Datasheet HTML 2Page - Diodes Incorporated AL1663R Datasheet HTML 3Page - Diodes Incorporated AL1663R Datasheet HTML 4Page - Diodes Incorporated AL1663R Datasheet HTML 5Page - Diodes Incorporated AL1663R Datasheet HTML 6Page - Diodes Incorporated AL1663R Datasheet HTML 7Page - Diodes Incorporated AL1663R Datasheet HTML 8Page - Diodes Incorporated AL1663R Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AL1663/AL1663R
Document number: DS38466 Rev. 1 - 2
5 of 15
www.diodes.com
May 2016
© Diodes Incorporated
AL1663/AL1663R
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
UVLO Section
VCC_TH
Startup Threshold Voltage
–
17
18.5
20
V
VOPR_MIN
Minimal Operating Voltage
After Turn On
7
7.8
8.5
V
VCC_OVP
VCC OVP Voltage
–
25
27
29.9
V
Standby Current Section
IST
Startup Current
VCC = VCC_TH -0.5V, before start
up
–
0.8
–
µA
ICC
Operating Current
FB, CS connect to GND, CGATE =
100pF
–
1
–
mA
ICC_OVP
Shunt Current in OVP Mode
VCC > VCC_OVP
–
5
–
mA
Drive Output Section
tR
Output Voltage Rise Time (Note 6)
CL = 1nF
–
90
–
ns
tF
Output Voltage Fall Time (Note 6)
CL = 1nF
–
30
–
ns
VOUT_CLAMP
Output Clamp Voltage
VCC = 20V
13
14
15
V
tON_MIN
Minimum On Time (Note 6)
–
–
400
–
ns
tON_MAX
Maximum On Time
–
–
22
–
µs
tOFF_MAX
Maximum Off Time
–
–
35
–
µs
tOFF_MIN
Minimum Off Time
–
–
2
–
µs
fMAX
Maximum Frequency
–
–
150
–
KHz
Internal CS reference
VREF
Internal Reference Voltage
–
0.291
0.3
0.309
V
VCS_OCP
Primary Current Clamp Voltage
–
–
1.2
–
V
Error Amplifier
Gm
Trans-Conductance
–
–
16.7
–
µA/V
ISOURCE
Amplifier Source Current
–
–
10
–
µA
Feedback Input Section
VFB_CV
FB CV Threshold
–
1.4
1.5
1.6
V
APWM Section
VAPWM_L
PWM Signal Low Threshold Voltage
–
–
–
0.3
V
VAPWM_H
PWM Signal High Threshold Voltage
–
2.4
–
–
V
–
Linear Dimming Range on APWM
–
0.3
–
2.4
V
PWMD Section
VPWM_L
PWM Signal Low Threshold Voltage
–
–
–
0.4
V
VPWM_H
PWM Signal High Threshold Voltage
–
2
–
–
V
Thermal Fold-back Section
TREG
Overheating Temperature Regulation
(Note 6)
–
–
+145
–
oC
Over Temperature Protection Section
–
Shutdown Temperature (Notes 6, 7)
–
–
+165
–
oC
Notes:
6. These parameters, although guaranteed by design, are not 100% tested in production.
7. The
device will latch when OTP happens and the device won’t operate constantly at this temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com