Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL1791 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL1791
Description  Analog and PWM Dimming
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL1791 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL1791 Datasheet HTML 1Page - Diodes Incorporated AL1791 Datasheet HTML 2Page - Diodes Incorporated AL1791 Datasheet HTML 3Page - Diodes Incorporated AL1791 Datasheet HTML 4Page - Diodes Incorporated AL1791 Datasheet HTML 5Page - Diodes Incorporated AL1791 Datasheet HTML 6Page - Diodes Incorporated AL1791 Datasheet HTML 7Page - Diodes Incorporated AL1791 Datasheet HTML 8Page - Diodes Incorporated AL1791 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
AL1791/1792/1793/1794
Document number:37957 Rev. 3 - 2
2 of 18
www.diodes.com
September 2015
© Diodes Incorporated
AL1791/1792/1793/1794
Typical Applications Circuit
Figure 1. 1-Channel Dimmable White
Figure 2. 2-Channel Tunable White
EN
PWM1
PWM2
PWM3
FAULTB
REF
GND
LED1
LED2
LED3
3.3V
RFAULT
RSET
VIN
VLED1
Wireless/Color
management
MCU
AP3983C
AC-DC
Conversion
85~265Vac
AL1794
LEDPG
RLEDPG
VIN adjustment
signal
VLED2
G
R
B
LED4
PWM4
Figure 3. 3-Channel Tunable Color
EN
PWM1
FAULTB
REF
GND
LED1
3.3V
RFAULT
RSET
VIN
VLED1
Wireless/Color
management
MCU
AP3983C
AC-DC
Conversion
85~265Vac
AL1791
LEDPG
RLEDPG
VIN adjustment
signal
2700K
X8
EN
PWM1
PWM2
FAULTB
REF
GND
LED1
LED2
3.3V
RFAULT
RSET
VIN
VLED1
Wireless/Color
management
MCU
AP3983C
AC-DC
Conversion
85~265Vac
AL1792
LEDPG
RLEDPG
VIN adjustment
signal
2700K
X8
6500K
X8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com