Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL3065 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AL3065
Description  FOUR-CHANNEL CURRENT SOURCE BOOST LED DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3065 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AL3065 Datasheet HTML 7Page - Diodes Incorporated AL3065 Datasheet HTML 8Page - Diodes Incorporated AL3065 Datasheet HTML 9Page - Diodes Incorporated AL3065 Datasheet HTML 10Page - Diodes Incorporated AL3065 Datasheet HTML 11Page - Diodes Incorporated AL3065 Datasheet HTML 12Page - Diodes Incorporated AL3065 Datasheet HTML 13Page - Diodes Incorporated AL3065 Datasheet HTML 14Page - Diodes Incorporated AL3065 Datasheet HTML 15Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
AL3065
Document number: DS37677 Rev. 1 - 2
11 of 15
www.diodes.com
April 2015
© Diodes Incorporated
AL3065
Application Information (Cont.)
2) Over-Current Protection
The AL3065 integrates an OCP circuit. The CS pin is connected to the voltage-sensor (RCS) placed between the source of the MOSFET and
GND. If the voltage at CS pin exceeds 0.54V, the MOSFET is turned off immediately and will not turn on until the next cycle begins.
3) LED Short-Circuit Protection
The AL3065 integrates an LED Short-Circuit Protection circuit. If the voltage at any of the CH1 to CH4 pins exceeds a threshold of approximately
7.3V during normal operation, the corresponding channel is latched off. Toggle VIN or EN to reset the latch. LED short detecting logic priority is
lower than open LED and OVP logic. The LED short detecting is triggered when 0.1V < VLED_MIN under dimming on mode, and disabled when
LED open occurs until output voltage resumes to the regulated voltage.
4) LED Open-Circuit Protection
The AL3065 integrates an LED Open-Circuit Protection circuit. When any LED string is open, VOUT will boost up until the voltage at OVP pin
reaches an approximate threshold of 2.0V. The IC will automatically ignore the open string whose corresponding pin voltage is less than 100mV
and the remaining string will continue operation. If all the strings are open and the voltage at OVP pin reaches a threshold of 2.0V, the MOSFET
drive gate will turn off and the IC will shut down and latch.
5) VOUT Short/Open Schottky Diode Protection
The AL3065 monitors the OVP pin, if the OVP pin voltage is less than 0.1V, MOSFET drive output will turn off. This protects the converter if the
output Schottky diode is open or VOUT is shorted to ground.
6) Under-Voltage Lockout
The AL3065 provides an under voltage lockout circuit to prevent it from undefined status when it starts up. The UVLO circuit shuts down the
device when VCC drops below 3.8V. The UVLO circuit has 200mV hysteresis, which means the device starts up again when VCC rises to 4.0V.
7) Over-Temperature Protection
The AL3065 features Over-Temperature Protection. If the junction temperature exceeds approximately +160ºC, the IC will shut down until the
junction temperature is less than approximately +140ºC. When the IC is released from over temperature shutdown, it will start a soft-start process.
8) Schottky Diode/Inductor Short-Circuit Protection
The AL3065 features Schottky Diode/Inductor Short-Circuit protection circuit. When CS pin voltage exceeds 0.8V for greater than 16 switching
clocks, the IC will latch off. The voltage of CS pin is monitored after a short delay of tLEB.
9) Shut Down under Abnormal Condition
The AL3065 features Shutdown under Abnormal Condition Protection circuit. When the OVP pin voltage exceeds 3.2V, the IC will latch off. Toggle
EN pin to restart the IC. This feature can be used to shut down the IC under any defined abnormal condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com