Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS431 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AS431 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AS431 Datasheet HTML 6Page - Diodes Incorporated AS431 Datasheet HTML 7Page - Diodes Incorporated AS431 Datasheet HTML 8Page - Diodes Incorporated AS431 Datasheet HTML 9Page - Diodes Incorporated AS431 Datasheet HTML 10Page - Diodes Incorporated AS431 Datasheet HTML 11Page - Diodes Incorporated AS431 Datasheet HTML 12Page - Diodes Incorporated AS431 Datasheet HTML 13Page - Diodes Incorporated AS431 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AS431
Document number: DS36599 Rev. 3 - 2
10 of 19
www.diodes.com
October 2013
© Diodes Incorporated
AS431
A Product Line of
Diodes Incorporated
Ordering Information
AS431
-
Circuit Type
Package
Temperature
Range
Voltage
Tolerance
Part Number
Marking ID
Packing
Type
Lead Free
Green
Lead Free
Green
SOT-23
-40 to +125°C
0.5%
AS431ANTR-E1
AS431ANTR-G1
EB5
GB5
Tape &
Reel
1.0%
AS431BNTR-E1
AS431BNTR-G1
EB6
GB6
Tape &
Reel
SOT-23-5
-40 to +125°C
0.5%
AS431AKTR-E1
AS431AKTR-G1
E6H
G6H
Tape &
Reel
1.0%
AS431BKTR-E1
AS431BKTR-G1
E6I
G6I
Tape &
Reel
TO-92
-40 to +125°C
0.5%
AS431AZ-E1
AS431AZ-G1
AS431AZ-E1
AS431AZ-G1
Bulk
0.5%
AS431AZTR-E1
AS431AZTR-G1
AS431AZ-E1
AS431AZ-G1
Ammo
1.0%
AS431BZ-E1
AS431BZ-G1
AS431BZ-E1
AS431BZ-G1
Bulk
1.0%
AS431BZTR-E1
AS431BZTR-G1
AS431BZ-E1
AS431BZ-G1
Ammo
SOT-89
-40 to +125°C
0.5%
AS431ARTR-E1
AS431ARTR-G1
E43G
G43G
Tape &
Reel
1.0%
AS431BRTR-E1
AS431BRTR-G1
E43H
G43H
Tape &
Reel
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant. Products with "G1" suffix are available in green
packages.
E1: Lead Free
G1: Green
TR: Tape & Reel or Ammo
Blank: Bulk
Package
N: SOT-23
K: SOT-23-5
R: SOT-89
Z: TO-92
Voltage Tolerance
A: 0.5%
B: 1.0%
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free
Pb
Lead-Free



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com