Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP37E760 Datasheet(PDF) 76 Page - SMSC Corporation

Part # SP37E760
Description  3.3 V I/O CONTROLLER FOR EMBEDDED APPLICATIONS
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

SP37E760 Datasheet(HTML) 76 Page - SMSC Corporation

Back Button SP37E760 Datasheet HTML 70Page - SMSC Corporation SP37E760 Datasheet HTML 71Page - SMSC Corporation SP37E760 Datasheet HTML 72Page - SMSC Corporation SP37E760 Datasheet HTML 73Page - SMSC Corporation SP37E760 Datasheet HTML 74Page - SMSC Corporation SP37E760 Datasheet HTML 75Page - SMSC Corporation SP37E760 Datasheet HTML 76Page - SMSC Corporation SP37E760 Datasheet HTML 77Page - SMSC Corporation SP37E760 Datasheet HTML 78Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 76 / 78 page
background image
SMSC DS – SP37E760
Page 76
Rev. 04/13/2001
10 PACKAGE OUTLINES
FIGURE 17 – 100 PIN QFP
0.1
0
-
C-
H
A
A1
A2
TD /
TE
0
L
1
L
E1
E
D
1
D
e
W
Notes :
1) C oplanarity is 0.100mm (.004") max imum.
2) Toleranc e on the pos ition of the leads is
0.200mm (.008") max imum.
3) Pac k age body dimens ions D 1 and E1 do not
inc lude the mold protrus ion. Max imum mold
protrus ion is 0.25mm (.010").
4) D imens ions TD and TE are important for tes ting
by robotic handler. Only abov e c ombinations of (1)
or (2) are ac c eptable.
5) C ontrolling dimens ion: millimeter. D imens ions
in inc hes for referenc e only and not
necess arily
ac c urate.
DIM
A
A1
A2
D
D1
E
E1
H
L
L1
e
0
W
TD (1
)
TE(1)
TD (2
)
TE(2)
MIN
2.80
0.1
2.57
23.4
19.9
17.4
13.9
0.1
0.65
1.8
MA X
3.15
0.45
2.87
24.15
20.1
18.15
14.1
0.2
0.95
2.6
MIN
.110
.004
.101
.921
.783
.685
.547
.004
.026
.071
MA X
.124
.018
.113
.951
.791
.715
.555
.008
.037
.102
0°
.2
21.8
15.8
22.21
16.27
12°
.4
22.2
16.2
22.76
16.82
0.65 BSC
0°
.008
.858
.622
.874
.641
12°
.016
.874
.638
.896
.662
.0256 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com