Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LF198 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF198
Description  Monolithic Sample-and-Hold Circuits
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF198 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LF198 Datasheet HTML 1Page - National Semiconductor (TI) LF198 Datasheet HTML 2Page - National Semiconductor (TI) LF198 Datasheet HTML 3Page - National Semiconductor (TI) LF198 Datasheet HTML 4Page - National Semiconductor (TI) LF198 Datasheet HTML 5Page - National Semiconductor (TI) LF198 Datasheet HTML 6Page - National Semiconductor (TI) LF198 Datasheet HTML 7Page - National Semiconductor (TI) LF198 Datasheet HTML 8Page - National Semiconductor (TI) LF198 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics
The following specifcations apply for −V
S + 3.5V ≤ VIN ≤ +VS − 3.5V, +VS = +15V, −VS = −15V, TA =Tj = 25˚C, Ch = 0.01 µF,
R
L =10 kΩ, LOGIC REFERENCE = 0V, LOGIC HIGH = 2.5V, LOGIC LOW = 0V unless otherwise specified.
Parameter
Conditions
LF198A
LF398A
Units
Min
Typ
Max
Min
Typ
Max
Input Impedance
T
j = 25˚C
10
10
10
10
Gain Error
T
j = 25˚C, RL = 10k
0.002
0.005
0.004
0.005
%
Full Temperature Range
0.01
0.01
%
Feedthrough Attenuation Ratio
T
j = 25˚C, Ch = 0.01 µF
86
96
86
90
dB
at 1 kHz
Output Impedance
T
j = 25˚C, “HOLD” mode
0.5
1
0.5
1
Full Temperature Range
4
6
“HOLD” Step, (Note 6)
T
j = 25˚C, Ch = 0.01µF, VOUT = 0
0.5
1
1.0
1
mV
Supply Current, (Note 5)
T
j≥25˚C
4.5
5.5
4.5
6.5
mA
Logic and Logic Reference Input
T
j = 25˚C
2
10
2
10
µA
Current
Leakage Current into Hold
T
j = 25˚C, (Note 7)
30
100
30
100
pA
Capacitor (Note 5)
Hold Mode
Acquisition Time to 0.1%
∆V
OUT = 10V, Ch = 1000 pF
4
6
4
6
µs
C
h = 0.01 µF
20
25
20
25
µs
Hold Capacitor Charging Current
V
IN−VOUT =2V
5
5
mA
Supply Voltage Rejection Ratio
V
OUT = 0
90
110
90
110
dB
Differential Logic Threshold
T
j = 25˚C
0.8
1.4
2.4
0.8
1.4
2.4
V
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits.
Note 2: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature, TA. The maximum
allowable power dissipation at any temperature is PD =(TJMAX −TA)/θJA, or the number given in the Absolute Maximum Ratings, whichever is lower. The maximum
junction temperature, TJMAX, for the LF198/LF198A is 150˚C; for the LF298, 115˚C; and for the LF398/LF398A, 100˚C.
Note 3: Although the differential voltage may not exceed the limits given, the common-mode voltage on the logic pins may be equal to the supply voltages without
causing damage to the circuit. For proper logic operation, however, one of the logic pins must always be at least 2V below the positive supply and 3V above the nega-
tive supply.
Note 4: See AN-450 “Surface Mounting Methods and their effects on Product Reliability” for other methods of soldering surface mount devices.
Note 5: These parameters guaranteed over a supply voltage range of ±5to ±18V, and an input range of −VS + 3.5V ≤ VIN ≤ +VS − 3.5V.
Note 6: Hold step is sensitive to stray capacitive coupling between input logic signals and the hold capacitor. 1 pF, for instance, will create an additional 0.5 mV step
with a 5V logic swing and a 0.01µF hold capacitor. Magnitude of the hold step is inversely proportional to hold capacitor value.
Note 7: Leakage current is measured at a junction temperature of 25˚C. The effects of junction temperature rise due to power dissipation or elevated ambient can
be calculated by doubling the 25˚C value for each 11˚C increase in chip temperature. Leakage is guaranteed over full input signal range.
Note 8: A military RETS electrical test specification is available on request. The LF198 may also be procured to Standard Military Drawing #5962-8760801GA or to
MIL-STD-38510 part ID JM38510/12501SGA.
Typical Performance Characteristics
Note 9: See Definition of Terms
Aperture Time
(Note 9)
DS005692-17
Dielectric Absorption
Error in Hold Capacitor
DS005692-18
Dynamic Sampling Error
DS005692-19
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com