Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT9687SCU Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPT9687SCU
Description  DUAL ULTRAFAST VOLTAGE COMPARATOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9687SCU Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SPT9687SCU Datasheet HTML 1Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 2Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9687SCU Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SPT
8
3/21/97
SPT9687
PIN FUNCTIONS
NAME
FUNCTION
QA
Output A
Q A
Inverted Output A
GNDA
Ground A
LEA
Latch Enable A
LE A
Inverted Latch Enable A
VEE
Negative Supply Voltage
-INA
Inverting Input A
+INA
Non-Inverting Input A
+INB
Non-Inverting Input B
-INB
Inverting Input B
VCC
Positive Supply Voltage
LEB
Latch Enabled B
LE B
Inverted Latch Enable B
GNDB
Ground B
QB
Output B
Q B
Inverted Output B
PIN ASSIGNMENTS
1
2
3
16
15
14
4
5
6
7
89
10
11
12
13
QA
GNDA
LE A
VEE
-IN A
+INA
QB
GNDB
LE B
VCC
-INB
+INB
QA
B
Q
LE A
LEB
PDIP/SOIC
QA
GNDA
LEA
V
EE
-IN A +INA
QB
GNDB
N/C
VCC
-IN B
+IN B
4
5
6
7
8
18
17
16
15
14
9
10111213
3
2
1
20
19
N/C
N/C
N/C
QA
Q B
B
LE
LEA
TOP VIEW
LCC/PLCC
LEB
ORDERING INFORMATION
PART NUMBER
Temperature Range
PACKAGE TYPE
SPT9687SIN
-25 to +85
°C
16L PDIP
SPT9687SIP
-25 to +85
°C
20L PLCC
SPT9687SIC
-25 to +85
°C
20C LCC
SPT9687SIS
-25 to +85
°C
16L SOIC
SPT9687SCU
+25
°C
Die*
*Please see the die specification for guaranteed electrical performance.
Signal Processing Technologies, Inc. reserves the right to change products and specifications without notice. Permission is hereby
expressly granted to copy this literature for informational purposes only. Copying this material for any other use is strictly prohibited.
WARNING - LIFE SUPPORT APPLICATIONS POLICY - SPT products should not be used within Life Support Systems without the specific
written consent of SPT. A Life Support System is a product or system intended to support or sustain life which, if it fails, can be reasonably
expected to result in significant personal injury or death.
Signal Processing Technologies believes that ultrasonic cleaning of its products may damage the wire bonding, leading to device
failure. It is therefore not recommended, and exposure of a device to such a process will void the product warranty.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com