Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 7Page - STMicroelectronics ST72561 Datasheet HTML 8Page - STMicroelectronics ST72561 Datasheet HTML 9Page - STMicroelectronics ST72561 Datasheet HTML 10Page - STMicroelectronics ST72561 Datasheet HTML 11Page - STMicroelectronics ST72561 Datasheet HTML 12Page - STMicroelectronics ST72561 Datasheet HTML 13Page - STMicroelectronics ST72561 Datasheet HTML 14Page - STMicroelectronics ST72561 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 262 page
background image
ST72561
11/262
Notes:
1. In the interrupt input column, “eiX” defines the associated external interrupt vector. If the weak pull-up
column (wpu) is merged with the interrupt column (int), then the I/O configuration is pull-up interrupt input,
else the configuration is floating interrupt input.
2. Input mode can be used for general purpose I/O, output mode only for CANTX.
3. OSC1 and OSC2 pins connect a crystal/ceramic resonator, or an external source to the on-chip oscil-
lator; see Section 1 and Section 12.5 "CLOCK AND TIMING CHARACTERISTICS" for more details.
4. On the chip, each I/O port has 8 pads. Pads that are not bonded to external pins are in input pull-up con-
figuration after reset. The configuration of these pads must be kept at reset state to avoid added current
consumption.
55
37
27
VSSA
S
Analog Ground Voltage
56
38
28
VSS_0
S
Digital Ground Voltage
57
39
29
VDDA
I
Analog Reference Voltage for ADC
58
40
30
VDD_0
S
Digital Main Supply Voltage
59
41
31
PD5 / SCI2_TDO
I/O CT
X
XX
X
Port D5
LIN
SCI2 Transmit Data out-
put
60
42
32
RESET
I/O CT
Top priority non maskable interrupt.
61
43
-
PD6 / AIN10
I/O CT
X
ei3
X
X
X
Port D6
ADC Analog Input 10
62
44
-
PD7 / AIN11
I/O CT
X
ei3 X
X
X
Port D7
ADC Analog Input 11
63
-
-
PF6
I/O TT
X
XX
X
Port F6
64
-
-
PF7
I/O TT
X
XX
X
Port F7
Pin n°
Pin Name
Level
Port
Main
function
(after
reset)
Alternate function
Input
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com