Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561 Datasheet(PDF) 182 Page - STMicroelectronics

Part # ST72561
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561 Datasheet(HTML) 182 Page - STMicroelectronics

Back Button ST72561 Datasheet HTML 178Page - STMicroelectronics ST72561 Datasheet HTML 179Page - STMicroelectronics ST72561 Datasheet HTML 180Page - STMicroelectronics ST72561 Datasheet HTML 181Page - STMicroelectronics ST72561 Datasheet HTML 182Page - STMicroelectronics ST72561 Datasheet HTML 183Page - STMicroelectronics ST72561 Datasheet HTML 184Page - STMicroelectronics ST72561 Datasheet HTML 185Page - STMicroelectronics ST72561 Datasheet HTML 186Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 262 page
background image
ST72561
182/262
beCAN CONTROLLER (Cont’d)
Figure 103. Filtering Mechanism - example
The example above shows the filtering principle of
the beCAN. On reception of a message, the iden-
tifier is compared first with the filters configured in
identifier list mode. If there is a match, the mes-
sage is stored in the FIFO and the index of the
matching filter is stored in the Filter Match Index.
As shown in the example, the identifier matches
with Identifier #2 thus the message content and
MFMI 2 is stored in the FIFO.
If there is no match, the incoming identifier is then
compared with the filters configured in mask
mode.
If the identifier does not match any of the identifi-
ers configured in the filters, the message is dis-
carded by hardware without software intervention.
Message Discarded
Identifier
0
Identifier
1
Identifier
2
Identifier
n
Identifier
n+1
Mask
Identifier
n+m
Mask
Identifier
Message Received
Ctrl
Data
Identifier #2 Match
Message
Stored
Receive FIFO
No Match
Found
n: number of single identifiers to receive
m: number of identifier groups to receive
n and m values depend on the configuration of the filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com