Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72561AR6 Datasheet(PDF) 35 Page - STMicroelectronics

Part # ST72561AR6
Description  8-BIT MCU WITH FLASH OR ROM, 10-BIT ADC, 5 TIMERS, SPI, LINSCI , ACTIVE CAN
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72561AR6 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button ST72561AR6 Datasheet HTML 31Page - STMicroelectronics ST72561AR6 Datasheet HTML 32Page - STMicroelectronics ST72561AR6 Datasheet HTML 33Page - STMicroelectronics ST72561AR6 Datasheet HTML 34Page - STMicroelectronics ST72561AR6 Datasheet HTML 35Page - STMicroelectronics ST72561AR6 Datasheet HTML 36Page - STMicroelectronics ST72561AR6 Datasheet HTML 37Page - STMicroelectronics ST72561AR6 Datasheet HTML 38Page - STMicroelectronics ST72561AR6 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 262 page
background image
ST72561
35/262
INTERRUPTS (Cont’d)
Table 8. Interrupt Mapping
Notes:
1. Valid for HALT and ACTIVE-HALT modes except for the MCC/RTC interrupt source which exits from
ACTIVE-HALT mode only.
2. Except AVD interrupt
3. Exit from Halt only when a wake-up condition is detected, generating a Status Change interrupt. See
Section 10.9.5 on page 187.
4. It is possible to exit from Halt using the external interrupt which is mapped on the RDI pin.
N°
Source
Block
Description
Register
Label
Priority
Order
Exit
from
HALT1)
Address
Vector
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
0
TLI
External top level interrupt
EICR
yes
FFFAh-FFFBh
1
MCC/RTC
Main clock controller time base interrupt
MCCSR
yes
FFF8h-FFF9h
2
ei0/AWUFH
External interrupt ei0/ Auto wake-up from Halt
EICR/
AWUCSR
yes2)
FFF6h-FFF7h
3
ei1/AVD
External interrupt ei1/Auxiliary Voltage Detector
EICR/
SICSR
FFF4h-FFF5h
4
ei2
External interrupt ei2
EICR
FFF2h-FFF3h
5
ei3
External interrupt ei3
EICR
FFF0h-FFF1h
6
CAN
CAN peripheral interrupt - RX
CIER
no
FFEEh-FFEFh
7
CAN
CAN peripheral interrupt - TX / ER / SC
CIER
yes3)
FFECh-FFEDh
8
SPI
SPI peripheral interrupts
SPICSR
yes
FFEAh-FFEBh
9
TIMER8
8-bit TIMER peripheral interrupts
T8_TCR1
no
FFE8h-FFE9h
10
TIMER16
16-bit TIMER peripheral interrupts
TCR1
no
FFE6h-FFE7h
11
LIN
SCI2
LINSCI2 Peripheral interrupts
SCI2CR1
no
FFE4h-FFE5h
12
LIN
SCI1
LINSCI1 Peripheral interrupts (LIN Master/
Slave)
SCI1CR1
no4)
FFE2h-FFE3h
13
PWM ART
8-bit PWM ART interrupts
PWMCR
yes
FFE0h-FFE1h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com