Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DGD2111 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD2111
Description  HIGH-SIDE AND LOW-SIDE GATE DRIVERS IN SO-16 (TYPE TH)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD2111 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD2111 Datasheet HTML 1Page - Diodes Incorporated DGD2111 Datasheet HTML 2Page - Diodes Incorporated DGD2111 Datasheet HTML 3Page - Diodes Incorporated DGD2111 Datasheet HTML 4Page - Diodes Incorporated DGD2111 Datasheet HTML 5Page - Diodes Incorporated DGD2111 Datasheet HTML 6Page - Diodes Incorporated DGD2111 Datasheet HTML 7Page - Diodes Incorporated DGD2111 Datasheet HTML 8Page - Diodes Incorporated DGD2111 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD2110/2113
Document Number DS38271 Rev. 4 - 2
2 of 12
www.diodes.com
February 2016
© Diodes Incorporated
DGD2110/2113
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
LO
Low-side gate driver output pin
2
COM
Low-side gate driver power supply return pin
3
VCC
Low-side gate driver power supply pin
4,5,9,10,16
NC
“No connect” pin (No Internal Connection)
6
VS
High-side gate driver floating power supply return pin
7
VB
High-side gate driver floating power supply pin
8
HO
High-side gate drive output pin
11
VDD
Logic power supply pin
12
HIN
Logic input pin for high-side gate driver output. HIN and HO are in phase
13
SD
Logic input shutdown pin
14
LIN
Logic input pin for low-side gate driver output. LIN and LO are in phase
15
VSS
Logic ground pin
Functional Block Diagram
Top view: SO-16 (Type TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com