Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW80NF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW80NF06
Description  N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW80NF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STW80NF06 Datasheet HTML 1Page - STMicroelectronics STW80NF06 Datasheet HTML 2Page - STMicroelectronics STW80NF06 Datasheet HTML 3Page - STMicroelectronics STW80NF06 Datasheet HTML 4Page - STMicroelectronics STW80NF06 Datasheet HTML 5Page - STMicroelectronics STW80NF06 Datasheet HTML 6Page - STMicroelectronics STW80NF06 Datasheet HTML 7Page - STMicroelectronics STW80NF06 Datasheet HTML 8Page - STMicroelectronics STW80NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
September 2006
Rev 3
1/14
14
STP80NF06 - STB80NF06
STW80NF06
N-channel 60V - 0.0065
Ω - 80A TO-220/D2PAK/TO-247
STripFET II™ Power MOSFET
General features
■ Exceptional dv/dt capability
■ 100% avalanche tested
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STB80NF06
60V
<0.010
Ω
80A
STP80NF06
60V
<0.010
Ω
80A
STW80NF06
60V
<0.010
Ω
80A
TO-220
1
2
3
D²PAK
TO-247
1
3
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB80NF06T4
B80NF06
D²PAK
Tape & reel
STP80NF06
P80NF06
TO-220
Tube
STW80NF06
W80NF06
TO-247
Tube


Similar Part No. - STW80NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW80NF06 STMICROELECTRONICS-STW80NF06 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
logo
Inchange Semiconductor ...
STW80NF06 ISC-STW80NF06 Datasheet
351Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW80NF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF55L STMICROELECTRONICS-STB85NF55L Datasheet
370Kb / 10P
N-CHANNEL 55V - 0.0060 ohm - 80A D2PAK/TO-220 STripFET™ II POWER MOSFET
Sep-2002
STP45NF06L STMICROELECTRONICS-STP45NF06L Datasheet
441Kb / 10P
N-CHANNEL 60V - 0.022ohm - 38A TO-220 / D2PAK STripFET™ II POWER MOSFET
Sep-2002
STP80NF03L-04-1 STMICROELECTRONICS-STP80NF03L-04-1 Datasheet
360Kb / 11P
N-CHANNEL 30V - 0.0035ohm - 80A D2PAK/I2PAK/TO-220 STripFET™ II POWER MOSFET
Feb-2003
STP80NF55L-08 STMICROELECTRONICS-STP80NF55L-08 Datasheet
320Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A - TO-220/D2PAK STripFET™ II POWER MOSFET
Apr-2003
STW80NE06-10 STMICROELECTRONICS-STW80NE06-10 Datasheet
82Kb / 8P
N - CHANNEL 60V - 0.0085ohm - 80A - TO-247 STripFET POWER MOSFET
Jul-1998
STW80NF55-08 STMICROELECTRONICS-STW80NF55-08 Datasheet
277Kb / 8P
N-CHANNEL 55V - 0.0065ohm - 80A TO-247 STripFET™ POWER MOSFET
Sep-2002
STP60NF10 STMICROELECTRONICS-STP60NF10 Datasheet
227Kb / 10P
N-CHANNEL 100V - 0.019ohm - 80A D2PAK/TO-220 STripFET II POWER MOSFET
May-2005
STB140NF55 STMICROELECTRONICS-STB140NF55 Datasheet
280Kb / 11P
N-CHANNEL 55V - 0.0065 ohm - 80A TO-220/D2PAK STripFET II POWER MOSFET
07-Nov-2004
STP80NF06 STMICROELECTRONICS-STP80NF06_07 Datasheet
314Kb / 14P
N-channel 60V - 0.0065 - 80A TO-220/D2PAK/TO-247 STripFET II Power MOSFET
03-May-2007
logo
New Jersey Semi-Conduct...
STP75NF75FP NJSEMI-STP75NF75FP Datasheet
98Kb / 3P
N-channel 75V - 0.0095Q- 80A - TO-220 - TO-220FP - D2PAK STripFET??II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com