Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B80NF06 Datasheet(PDF) 6 Page - STMicroelectronics

Part # B80NF06
Description  N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

B80NF06 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button B80NF06 Datasheet HTML 2Page - STMicroelectronics B80NF06 Datasheet HTML 3Page - STMicroelectronics B80NF06 Datasheet HTML 4Page - STMicroelectronics B80NF06 Datasheet HTML 5Page - STMicroelectronics B80NF06 Datasheet HTML 6Page - STMicroelectronics B80NF06 Datasheet HTML 7Page - STMicroelectronics B80NF06 Datasheet HTML 8Page - STMicroelectronics B80NF06 Datasheet HTML 9Page - STMicroelectronics B80NF06 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Electrical characteristics
STP80NF06 - STB80NF06 - STW80NF06
6/14
2.1
Electrical characteristics (curves)
Figure 1.
Safe operating area
Figure 2.
Thermal impedance
Figure 3.
Output characterisics
Figure 4.
Transfer characteristics
Figure 5.
Transconductance
Figure 6.
Static drain-source on resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com