Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W80NF06 Datasheet(PDF) 3 Page - STMicroelectronics

Part # W80NF06
Description  N-CHANNEL 60V - 0.0065OHM - 80A TO-220/D2PAK/TO-247 STripFET II POWER MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

W80NF06 Datasheet(HTML) 3 Page - STMicroelectronics

  W80NF06 Datasheet HTML 1Page - STMicroelectronics W80NF06 Datasheet HTML 2Page - STMicroelectronics W80NF06 Datasheet HTML 3Page - STMicroelectronics W80NF06 Datasheet HTML 4Page - STMicroelectronics W80NF06 Datasheet HTML 5Page - STMicroelectronics W80NF06 Datasheet HTML 6Page - STMicroelectronics W80NF06 Datasheet HTML 7Page - STMicroelectronics W80NF06 Datasheet HTML 8Page - STMicroelectronics W80NF06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STP80NF06 - STB80NF06 - STW80NF06
Electrical ratings
3/14
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (vgs = 0)
60
V
VGS
Gate- source voltage
±20
V
ID
(1)
1.
Current limited by wire bonding
Drain current (continuos) at TC = 25°C
80
A
ID
Drain current (continuos) at TC = 100°C
80
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25°C
300
W
Derating factor
2
W/°C
EAS
(3)
3.
Starting Tj= 25°C, ID= 40A, VDD=40V
Single pulse avalanche energy
870
mJ
Tstg
Storage temperature
– 65 to 175
175
°C
Tj
Max. operating junction temperature
Table 2.
Thermal data
Rthj-case Thermal resistance junction-case Max
0.5
°C/W
Rthj-a
Thermal resistance junction-ambient Max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com