Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV9556 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV9556
Description  7.5 NS TRIPLE-CHANNEL HIGH VOLTAGE VIDEO AMPLIFIER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV9556 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV9556 Datasheet HTML 6Page - STMicroelectronics STV9556 Datasheet HTML 7Page - STMicroelectronics STV9556 Datasheet HTML 8Page - STMicroelectronics STV9556 Datasheet HTML 9Page - STMicroelectronics STV9556 Datasheet HTML 10Page - STMicroelectronics STV9556 Datasheet HTML 11Page - STMicroelectronics STV9556 Datasheet HTML 12Page - STMicroelectronics STV9556 Datasheet HTML 13Page - STMicroelectronics STV9556 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
STV9556
10/24
8
TYPICAL PERFORMANCE CHARACTERISTICS
VDD=110V, VCC=12V, CL=8pF, RP=200Ω, ∆V=40VPP, unless otherwise specified - see Figure 1
Figure 4. STV9556 pulse response
Figure 5. VOUT versus VIN
Figure 6. Power dissipation vs frequency
Figure 7. Speed versus temperature
Figure 8. Speed versus offset
Figure 9. Speed versus load capacitance
7.2
8.2
overshoot = 5%
overshoot = 0%
0
20
40
60
80
100
120
0
1
2
345
6
Vin (V)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
7.00
8.00
10
20
30
40
50
Frequency (MHz)
(72% active time)
Vdd=90
Vdd=100
Vdd=110V
7
7.5
8
8.5
9
50
60
70
80
90
100
Case Temperature (°C)
Tf
Tr
STV9556 Speed vs Offset (Vdc)
6
7
8
9
10
40
45
50
55
60
65
70
Offset (Vdc)
Tf
Tr
6
7
8
9
10
11
12
13
8
101214
16
1820
Load capacitor (pF)
Tf
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com