Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1005447-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1005447-1
Description  LDT with Crimps Vibration Sensor/Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1005447-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1005447-1 Datasheet HTML 1Page - Tyco Electronics 1005447-1 Datasheet HTML 2Page - Tyco Electronics 1005447-1 Datasheet HTML 3Page - Tyco Electronics 1005447-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LDT with Crimps Vibration Sensor/Switch
LDT0-028K Piezo Vibration Rev 1
www.meas-spec.com
10/13/2008
2 of 4
examples of properties
Four different experiments serve to illustrate the various properties of this simple but versatile component.
Experiment #1
LDT0 as Vibration Sensor - with
the crimped contacts pushed through a
printed-circuit board, the LDT0 was
soldered carefully in place to anchor the
sensor. A charge amplifier was used to
detect the output signal as vibration from
a shaker table was applied (using a
charge amplifier allows a very long
measurement time constant and thus
allows the "open-circuit" voltage
response to be calculated). Small
masses (approximately 0.26g
increments) were then added to the tip of
the sensor, and the measurement
repeated. Results are shown in Table 1
and the overlaid plots in Fig. 1. Without
adding mass, the LDT0 shows a
resonance around 180 Hz. Adding mass
to the tip reduces the resonance
frequency and increases "baseline"
sensitivity.
TABLE 1: LDT0 as Vibration Sensor (see Fig 1)
Added Mass
Baseline
Sensitivity
Sensitivity at
Resonance
Resonant
Frequency
+3 Db
Frequency
0
50 mV/g
1.4 V/g
180 Hz
90 Hz
1
200 mV/g
4 V/g
90 Hz
45 Hz
2
400 mV/g
8 V/g
60 Hz
30 Hz
3
800 mV/g
16 V/g
40 Hz
20 Hz
Experiment #2
LDT0 as Flexible Switch - using a charge
amplifier to obtain "open-circuit" voltage sensitivity,
the output was measured for controlled tip
deflections applied to the sensor (supported by its
crimped contacts as described above). 2 mm
deflection was sufficient to generate about 7 V.
Voltages above 70V could be generated by
bending the tip of the sensor through 90° (see
Table 2, Fig. 2).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com