Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2803 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T2803
Description  2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T2803 Datasheet(HTML) 4 Page - ATMEL Corporation

  T2803 Datasheet HTML 1Page - ATMEL Corporation T2803 Datasheet HTML 2Page - ATMEL Corporation T2803 Datasheet HTML 3Page - ATMEL Corporation T2803 Datasheet HTML 4Page - ATMEL Corporation T2803 Datasheet HTML 5Page - ATMEL Corporation T2803 Datasheet HTML 6Page - ATMEL Corporation T2803 Datasheet HTML 7Page - ATMEL Corporation T2803 Datasheet HTML 8Page - ATMEL Corporation T2803 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4
T2803 [Preliminary]
4572G–DECT–01/04
7
VS_PLL
PLL supply voltage
8
9
10
VREG
REG_CTRL
VS_REG
Auxiliary voltage-regulator output
Auxiliary voltage-regulator control output
Auxiliary voltage-regulator supply voltage
11
12
13
GND_CP
VS_CP
CP
Charge-pump ground
Charge-pump supply voltage
Charge-pump output
Pin Description (Continued)
Pin
Symbol
Function
Configuration
GND_PLL
43
GND2
28
GND1
18
GND3
31
GND_CP
11
GND_VCO
16
VS_MIXER
42
VS_IF
33
VS_VCO
14
VS_CP
12
VS_REG
10
VS_PLL
7
VREG
8
REG_CTRL
9
VS_REG
10
GND_PLL
43
VS_PLL
7
VS_CP
12
CP
13
GND_CP
11
VS_PLL
7
GND_PLL
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com