Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TAS5182 Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5182
Description  100-W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5182 Datasheet(HTML) 1 Page - Texas Instruments

  TAS5182 Datasheet HTML 1Page - Texas Instruments TAS5182 Datasheet HTML 2Page - Texas Instruments TAS5182 Datasheet HTML 3Page - Texas Instruments TAS5182 Datasheet HTML 4Page - Texas Instruments TAS5182 Datasheet HTML 5Page - Texas Instruments TAS5182 Datasheet HTML 6Page - Texas Instruments TAS5182 Datasheet HTML 7Page - Texas Instruments TAS5182 Datasheet HTML 8Page - Texas Instruments TAS5182 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TAS5182
SLES045E - JUNE 2002 - REVISED MAY 2004
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
FEATURES
D Stereo H-Bridge Controller
D Efficiency > 95%
D 2x100 W (RMS) at 6 Ω (BTL)
D THD+N < 0.15% (Typical at 100 W at 6 Ω,
1 kHz)
D Half-Bridge Independent Control
D Glueless Interface to TAS50XX Digital Audio
PWM Processors
D 3.3-V Digital Interface
D Fault Detection
- Overcurrent
- Overtemperature
- Undervoltage Protection for External
MOSFETs
D Low Profile 56-Terminal TSSOP SMD Package
APPLICATIONS
D AV Receivers
D High Power DVD Receivers
D Power Amplifiers
D Home Theater
D Subwoofer Driver
DESCRIPTION
The TAS5182 device is a high-performance, stereo digital
amplifier power stage controller. It is designed to drive two
discrete bridge-tied-load (BTL) MOSFET output stages at
up to 100 W per channel at 6
Ω. The TAS5182 device,
incorporating Texas Instrument’s PurePath
t technology,
is used in conjunction with a digital audio PWM processor
(TAS50XX)
and
two
discrete
MOSFET
H-bridges
(4 MOSFETs per H-Bridge) to deliver high-power, true
digital audio amplification. The efficiency of this digital
amplifier can be greater than 95%, reducing the size of
both the power supplies and heat sinks needed. The
TAS5182 device accepts a stereo PWM 3.3-V input, and
it controls the switching of the discrete H-bridges.
Overcurrent,
overtemperature,
and
undervoltage
protections
are
built
into
the
TAS5182
device,
safeguarding the H-bridge and speakers against output
short-circuit conditions, overtemperature conditions, and
other fault conditions that could damage the system.
Left
Right
PWM Modulator
H-Bridges
Texas Instruments
Digital Audio
Solutions
TAS50XX
TAS5182
Discrete MOSFET
L
L
RR
LOAD
LOAD
Digital
Audio
• TI DAP
• TI DSP
• TI SPD IF
• TI 1394
H-Bridge Driver
Typical Stereo Audio System Using TAS5182 H-Bridge Driver
† When using appropriate MOSFETs.
‡ When using recommended design.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PurePath and PowerPAD are trademarks of Texas Instruments.


Similar Part No. - TAS5182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5182 TI-TAS5182 Datasheet
773Kb / 62P
SIX CHANNEL DIGITAL AUDIO PWM PROCESSOR
TAS5182 TI-TAS5182 Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182DCA TI-TAS5182DCA Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182DCAR TI-TAS5182DCAR Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5182DCARG4 TI-TAS5182DCARG4 Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
More results

Similar Description - TAS5182

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5122 TI-TAS5122_07 Datasheet
555Kb / 22P
30-W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_07 Datasheet
608Kb / 18P
100−W STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5352 TI-TAS5352 Datasheet
827Kb / 27P
125 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342L TI-TAS5342L Datasheet
822Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342A TI-TAS5342A Datasheet
851Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342LA TI-TAS5342LA Datasheet
840Kb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342 TI1-TAS5342 Datasheet
1Mb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5342DDVRG4 TI-TAS5342DDVRG4 Datasheet
974Kb / 29P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5182 TI-TAS5182_15 Datasheet
399Kb / 19P
100?뭌 STEREO DIGITAL AMPLIFIER POWER STAGE CONTROLLER
TAS5342A TI1-TAS5342A_13 Datasheet
1Mb / 27P
100 W STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com