Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BY2000 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BY2000
Description  STANDARD RECOVERY RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BY2000 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BY2000 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BY2000 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
BY251
200
200
BY252
400
400
BY253
600
600
BY254
800
800
BY255
1300
1300
BY1600
1600
1600
BY1800
1800
1800
BY2000
2000
2000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TA = 50°C
IFAV
3 A 3)
Repetitive peak forward current – Periodischer Spitzenstrom
f > 15 Hz
IFRM
20 A 3)
Peak forward surge current, 50/60 Hz half sine-wave
Stoßstrom für eine 50/60 Hz Sinus-Halbwelle
TA = 25°C
IFSM
100/110 A
Rating for fusing, Grenzlastintegral, t < 10 ms
TA = 25°C
i2
50 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+175°C
Kunststoffgehäuse
Gehäusematerial UL94V-0 klassifiziert
Weight approx. – Gewicht ca.
Periodische Spitzensperrspannung
Plastic material has UL classification 94V-0
!
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 1.2 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
Case: DO-201AD, Molded Plastic
Mechanical Data
DO-201AD
Dim
Min
Max
A
25.40
¾
B
7.20
9.50
C
1.20
1.30
D
4.80
5.30
All Dimensions in mm
A
A
B
C
D
Features
Maximum Ratings T
A = 25
°C unless otherwise specified
!
!
!
!
!
1 of 2
www.sunmate.tw
BY251 - BY2000
STANDARD RECOVERY RECTIFIER DIODES
t


Similar Part No. - BY2000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY2000 DIOTEC-BY2000 Datasheet
188Kb / 2P
Silicon Rectifiers
logo
Semikron International
BY2000 SEMIKRON-BY2000 Datasheet
134Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
BY2000 DIOTEC-BY2000 Datasheet
63Kb / 2P
Si-Rectifiers - Si-Gleichrichter
BY2000 DIOTEC-BY2000 Datasheet
99Kb / 2P
Silicon Rectifier Diodes - Silizium-Gleichrichterdioden
BY2000 DIOTEC-BY2000 Datasheet
94Kb / 2P
Standard Recovery Rectifier Diodes
More results

Similar Description - BY2000

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BY88050 DIOTEC-BY88050_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P1000A DIOTEC-P1000A_15 Datasheet
139Kb / 2P
Standard Recovery Rectifier Diodes
P2000A DIOTEC-P2000A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2000ATL DIOTEC-P2000ATL_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
P2500A DIOTEC-P2500A_15 Datasheet
138Kb / 2P
Standard Recovery Rectifier Diodes
PX1500A DIOTEC-PX1500A_15 Datasheet
140Kb / 2P
Standard Recovery Rectifier Diodes
BYW27-50 DIOTEC-BYW27-50 Datasheet
136Kb / 2P
Standard Recovery Rectifier Diodes
BY251 DIOTEC-BY251_15 Datasheet
94Kb / 2P
Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_17 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
1N4001 DIOTEC-1N4001_1 Datasheet
142Kb / 2P
Standard Recovery Rectifier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com